Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS201DEV1.0 Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # ATLS201DEV1.0
Description  Constant Current Laser Driver ATLS201D Evaluation board Rev. 1.0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS201DEV1.0 Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  ATLS201DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
Evaluation Board for ATLS201D
ATLS201DEV1.0
B. The Ammeter has voltage drop, which decreases the
maximum output voltage.
C. If the Ammeter is not connected well or there is an
intermittent disconnection at any portion of the
circuit, the real laser may be damaged permanently.
If the user really needs to do it in this way, this is the
procedure:
A. Use the terminal block on the right side, the 3rd and
the 4th conductors, insert the Ammeter between
AMMTR+ pin and AMMTR
− pin.
B. Turn the switch S7 to its lower off position, thus the
output current can go through the ammeter and be
measured by reading Ammeter’s value.; when the
switch S7 is placed in the upper on position, the
ampere meter is shorted, thus, it does not measure the
output current, see the schematic shown in Figure 7.
C. Set the Ammeter to a fixed gain or the high value
setting, such as 10A. Otherwise, the automatic ranging
setting circuit of the Ammeter may cause some noise
to the laser when the current range setting is switched
inside the Ammeter.
6. Test the driver with the “dummy laser”. The 5 diodes on
the board, D1 to D5, can form a “dummy laser” to act as
the laser diode in place of a real laser so that in case there
is a problem in the circuit, the expensive laser would not
be damaged, see schematic in Figure 7. Turn the switch
S2 to the on position (upper), to connect the “dummy
laser” to the driver. Turning switches S3, S4, S5 and S6,
up and down will increase (turning down the switches)
and decrease (turning up the switches) the forward voltage
of the “dummy laser” which can be measured by a volt
meter between the LDA and the ground. Each diode can
increase or decrease the output forward voltage by about
0.7V when the output current is 4A. Warning: when
output 4A current, the diodes may get very hot, don’t
touch them with your fingers. The switch bank and their
corresponding diodes are shown in the table below. The
diode D5 is always activated so that the total forward
voltage range is from 0.7V to 0.7V + 0.7
×4 = 3.5V.
Please be aware of this fact: when the output voltage is
low by shorting circuit all the diodes, the driver will
consume a lot of power and may get too hot that the
internal temperature protection circuit will shut off the
driver automatically. When this happens, wait for a few
seconds, let the driver cool down, the driver will restart by
itself again after the temperature is lowered to certain
level. This is the way to calculate the power consumption
of the driver:
PDRIVER = IIN
× VVPS – IOUT × VLDA (W),
where PDRIVER is the power consumption of the driver,
IOUT is the output current, IIN is the power supply’s input
current, VVPS is the power supply voltage applied onto the
VPS pin of the driver, VLDA is the output voltage which is
also the voltage across the laser diode.
Switch Name
Corresponding Diode
S3
Diode D1
S4
Diode D2
S5
Diode D3
S6
Diode D4
7. Disconnect the dummy laser from the driver. This can be
simply done by turning switch S2 to its lower off position.
8. Monitor the output voltage. This can be done by using a
volt meter to measure the voltage between LDA and
ground. This node is available at the edge pad (upper right
corner), the terminal block conductor, and the driver pin
via. If the driver works well, the output current should
remain the same as the output voltage changes.
9. Set the output current. Adjusting the potentiometer W1
will set the output current from 0 to 1A by changing the
voltage on the LIS pin. Due to the low noise nature of the
driver, the actual controllable minimum current is about
10nA, the lowest one available on the market to our
knowledge. The relationship between the VLIS and the
output current is:
IOUT (A) = X (A) × VLIS (V)/2.5 (V),
where IOUT is the output current;
X is maximum output current, 2A, 4A, 3A or 6A;
VLIS stands for the voltage at the LIS pin.
10. Modulate the output current by an external signal source.
This can be done by connecting the external signal source
to the LIS node, which is accessible by the LIS solder pad
or the LIS conductor on the terminal block TB1, both on
the left side of the board. Make sure:
A. The peak of the signal will not set the output current to
too high a value that may damage the laser diode, if a
real laser is connected to the output.
B. The current limit is set to a proper value, thus, the
driver will not be shut-off by the current limit circuit
because the output current exceeding the current limit.
11. Loop good indication. When the driver works perfectly,
i.e., the output current equals the set-point current set by
LIS pin, the LED on the lower right corner of the board
will be lit up. Otherwise, it will be dark when the power
supply is on and the driver is being shut off or the output
voltage is beyond 4V at the current set by the LIS pin.
12. Connecting external ADCs (Analog to Digital Converters)
and DACs (Digital to Analog Converters). The ADCs can
be utilized for monitoring the analog voltages on certain
pins, for example LIO, and the DACs can also be utilized
for setting the LIS and/or LDGD pin voltages. The



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com