Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS201DEV1.0 Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATLS201DEV1.0
Description  Constant Current Laser Driver ATLS201D Evaluation board Rev. 1.0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS201DEV1.0 Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATLS201DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
1
Analog Technologies
Evaluation Board for ATLS201D
ATLS201DEV1.0
Constant Current Laser Driver ATLS201D
Evaluation board Rev. 1.0
By Gang Liu
Figure 1. Physical Photo of ATLS201DEV1.0
INTORDUCTION
The ATLS201D is a series of high efficiency electronic
modules designed for driving diode lasers with low noise
constant current. It has high reliability, zero EMI (Electro-
Magnetic Interference), and is packed in small DIP package.
The
series
includes
ATLS2A201D,
ATLS3A201D
ATLS4A201D, and ATLS6A201D. The output voltage
range is from 0V to 4V when powered by a 5V power
supply. The evaluation board introduced by this application
note, ATLS201DEV1.0, is designed for evaluating these
laser driver modules conveniently.
It is recommended to read this application note with the
ATLS201D
datasheet
which
provides
more
detail
information
about
the
specifications
and
application
guidelines for the laser driver modules.
The main purpose of using the evaluation board is to drive a
voltage configurable and unbreakable dummy laser diode by
using the laser driver with a programmable current. The
dummy laser on the board emulates the users’ expensive real
laser diode so that in case there is a fault in the circuit or an
improper operation, the real laser would not be damaged.
After making sure the driver works properly and all the
features and the set-values meet the requirements of the
application, the users can disconnect the dummy laser from
the driver by flipping a switch and connect a real diode laser
onto proper connections of the board. At the same time, the
user can set and monitor the output current, monitor the
working status of the driver, etc.
BOARD DESCRIPTION
The ATLS201DEV1.0 Evaluation Board is consisted of a
complete application circuit for driving laser diodes. It can
set and monitor the output current, has an LED for
indicating the working status of the driver, and has
numerous connection pads and terminal connectors for
making
connections
with
external
components
and
instruments. Its physical photo is shown in Figure 1.
The silkscreen layer of the evaluation board is shown in
Figure 2 with other top layers, including top silkscreen, top
copper, top solder mask, and multilayer (vias). Figure 3 only
shows the image of top silkscreen layer. There is no
component in the bottom side of the board, so that there is
no bottom silkscreen layer image.
Figure 2. Top Silkscreen Layer with Other Top Layers
There are solder pads on the left, top and the right edges of
the board. These pads can be used for connecting the
external instruments or components and the connections can
be made by either soldering wires or clipping by alligator
clips.
There are 4 terminal blocks located on the board, their
connectors are for the same nodes of the solder pads. You
can see the silkscreen image in Figure 3. There is a switch
bank on the bottom center of the board. On the left side of
the switch bank, there are 2 potentiometers.
When the driver works perfectly, the LED on the bottom
right location will be lit up.


Similar Part No. - ATLS201DEV1.0

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS200MA103 ANALOGTECHNOLOGIES-ATLS200MA103 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS200MA103 ANALOGTECHNOLOGIES-ATLS200MA103 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS200MA103 ANALOGTECHNOLOGIES-ATLS200MA103 Datasheet
508Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS200MA103 ANALOGTECHNOLOGIES-ATLS200MA103 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS200MA103-PD ANALOGTECHNOLOGIES-ATLS200MA103-PD Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
More results

Similar Description - ATLS201DEV1.0

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
456Kb / 7P
Low Noise Laser Driver ATLS1A103D Evaluation Board Rev. 1.0
1/25/2022
ATLS1A201D ANALOGTECHNOLOGIES-ATLS1A201D Datasheet
252Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS1A202D ANALOGTECHNOLOGIES-ATLS1A202D Datasheet
267Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS2A201D ANALOGTECHNOLOGIES-ATLS2A201D Datasheet
236Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS2A202D ANALOGTECHNOLOGIES-ATLS2A202D Datasheet
273Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS3A201D ANALOGTECHNOLOGIES-ATLS3A201D Datasheet
273Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS3A202D ANALOGTECHNOLOGIES-ATLS3A202D Datasheet
266Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS4A201D ANALOGTECHNOLOGIES-ATLS4A201D Datasheet
349Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS202DEV1.0 ANALOGTECHNOLOGIES-ATLS202DEV1.0 Datasheet
748Kb / 6P
Constant Current Laser Driver ATLS202D Evaluation board Rev. 1.0
1/25/2022
ATLS6A201D ANALOGTECHNOLOGIES-ATLS6A201D Datasheet
294Kb / 10P
Constant Current Laser Driver
1/18/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com