Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219D Datasheet(PDF) 10 Page - Analog Technologies, Inc.

Part # ATLS25A219D
Description  32V 25A Constant Current Laser Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219D Datasheet(HTML) 10 Page - Analog Technologies, Inc.

Back Button ATLS25A219D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 11Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 12Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 13Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 14Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
10
Analog Technologies
ATLS25A219D
32V 25A Constant Current Laser Driver
loop is not working properly, there might be a short or open
circuit at the laser diode, or the laser driver is put into Standby
or Shutdown mode. The LPGD pin can also be connected to
a digital input pin of a micro-driver, when software/firmware
is utilized in the system. See Figure 6. The equivalent circuit
of this pin is a 3k
Ω resistor pulling it up to 4.5V rail and an
open drain FET, 500
Ω, pulling it down to the ground. The
pull-up current can be increased by connecting an external
pull-up resistor between LPGD and VPS. Tie this added
additional pull up resistor to a 3.3V or 5V power supply if they
are available. Make sure that the pull up current is not too high,
otherwise, the internal open drain FET cannot pull-down the
LPGD pin low enough to turn off the LED.
The laser diodes are connected between LDA and LDC pins. It
is worth mentioning that the power supply return terminal
should be connected to the pin 17 PGLDC.
Figure 9. Digitally Controlled Analog Modulation Principle
Minimizing the Output Noise
The ATLS25A219D has extremely low output noise; care
must be taken in using this laser driver to achieve this lower
noise performance. One of the noise sources is the beating
frequency interference from other power mode electronics,
such as another laser driver, TEC (Thermo-Electric Cooler)
controller, or power supply. There are 2 ways to avoid the
frequency beating: set the switching frequencies of other
electronics to be far away from the switching frequency of
the laser driver, 700kHz, or synchronize the other
electronics switching with this laser driver. For this purpose,
there is a SYNO pin, which can be used by other electronics
as the switching trigger signal.
The driver can be turned on and off by setting the SDBN pin
high and low respectively. It is recommended to turn the
driver on by this sequence:
To turn on: turn on the power by providing the power supply
voltage to the driver on VPS pin, turn on the driver by
releasing the SDBN pin.
To turn off: turn off the driver by lowering the voltage of
SBDN pin, turn off the power by stopping the voltage supply
on the VPS pin.
When not controlling by the SBDN pin: leave it
unconnected and turn on and off the driver by the power
supply.
Adjusting the Output Current
The output current is set by adjusting W1, which sets input
voltages of LISL and LISH, pin 3 and 2. See Figure 6. The
output current will be:
IOUT = 3.662
×VLISL or 3.662× VLISH (A).
LIS can also be set by using a DAC to replace the W1 in
Figure 7. Make sure that the DAC has low output noise.
Monitoring the Output Current
The output current of the driver can be monitored by
measuring the voltage on the LIO pin. This feature is very
useful for micro-driver based system where the ADC is
available and monitoring the current in real time is required.
This pin provides a very low noise voltage signal and is
proportional to the output current:
IOUT =3.662
×VLIO (A).
For example, when the output signal is 4.096V, the output
current is 25A.
LIO can be used to drive an ADC directly, and also be
measured by a multi-meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com