Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219D Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS25A219D
Description  32V 25A Constant Current Laser Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219D Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS25A219D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS25A219D
32V 25A Constant Current Laser Driver
7
PCN
Digital
Input
Pulse Control Input. This pin toggles the laser output current to change between two pre-set
values: a low value set by the LISL pin @ VPCN = 0V
∼ 0.4Vand a high value set by the LISH
pin @ VPCN = 1.4V
∼5V. This PCN pin is pulled high to an internal 5V rail by an internal
1M
Ω resistor and there is a serial 20kΩ resistor between PCN and the electronic switch, see
Figure 3. Between 0V
∼5V, the pull up resistor causes most of the current on this pin, the
electronic switch input current is < ±1µA. The maximum voltage on this pin is 40V, at which
the pull down current will be caused by the serial 20k
Ω clamped by an over voltage protector
of 5V, the current will be (40V
−5V)/20kΩ = 1.75mA.
The rise and fall time of the output is 28µS when PCN pin is switched.
8
SBDN
Analog/
Digital
Input
Standby and Shutdown Control. This pin has 3 regions: between 0V
∼ 0.4V, it shuts down
the entire laser driver; between 2.1V
∼ 2.4V, it sets the laser driver to standby mode; between
2.6V
∼ 15V, it sets the laser driver to operation mode. The input current on this pin is < 2µA.
9
LPGD
Digital
Output
Loop Good Indication. When the laser driver's output current equals to the set-point current
value, and there is no short nor open circuit at the output, this pin is pulled up high by an
internal 3k
Ω resistor to an internal 4.5V power supply as shown in Figure 3; when the output
current is not equal to the set-point current, such as there is an open circuit at the output, or
the load has too high a resistance that even the output voltage reaches the power supply
voltage, the output current is still lower than the set-point value, this pin is pulled low by an
open drain MOSFET of which Rdson< 500
Ω. When outputting the low value, the sinking
capability is < 0.5V at 1mA.
10
SYNO
Digital
Output
Synchronization Output. This is a digital output signal with internal impedance of 100
Ω by
passed by 1.5MHz low pass filter. This output is triggered by the PWM output stage of this
laser driver and can be used to synchronize other switch mode electronics to avoid the beating
interference with their free-run frequencies if their free-run frequencies are close to 500kHz.
If the free-run frequency of other electronics is far away from 500kHz, no need to use this
pin.
11,12,
13,14
LDA
Analog
Output
Laser Diode Anode. Connect it to the laser diode anode terminal. The maximum current of
this pin can go up to 25A. When doing layout, do not use a thin and long PCB track,
otherwise, the inductance might be too high and oscillation may occur.
15,16,
17,18
PGLDC
Power Input
& Output
This pin has two functions:
1. Power Ground Pin. Connect this pin directly to power supply return path line, 0V. The
maximum current on this pin can go up to 25A.
2. LDC Pin. Connect it to laser diode cathode terminal. The maximum current on this pin can
go up to 25A.
19
LDCSN
Analog
Output
Connect it to the laser diode cathode directly.
20,21,
22,
VPS
Power Input
Power Supply Voltage. The driver works from VVPS=12V~40V. The maximum current can
go up to 25A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com