Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219D Datasheet(PDF) 14 Page - Analog Technologies, Inc.

Part # ATLS25A219D
Description  32V 25A Constant Current Laser Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219D Datasheet(HTML) 14 Page - Analog Technologies, Inc.

Back Button ATLS25A219D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 11Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 12Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 13Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 14Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 15Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 16Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
14
Analog Technologies
ATLS25A219D
32V 25A Constant Current Laser Driver
NOTE: The power supplies may have over-shoot voltage
spikes when they are not connected well with the load or
when they recover from an over current protection state.
When happens, it may exceed the maximum allowed input
voltage, 28V, of the controller and damage the controller
permanently. To avoid this from happening, do the
following:
1. Connect the controller well with the power supply before
turning on the power.
2. Make sure that the power supply has sufficient output
current. It is suggested that the power supply can
supply 1.2 to 1.5 times the maximum current the
controller requires.
3. When using a bench top power supply, set the current
limit to >1.5 times higher than the maximum current the
controller requires.
4. If the PCB is for mounting the laser driver. See the figures
below for the layout of PGLDC pin. If the PCB has two
layers, the top layer (red) is for routing PGND track, and
the bottom one (blue) is for routing LDC track, see Figure
15. If the PCB has four layers, the top two layers are for
routing PGND track, and the bottom two layers are for
routing LDC track. The section views for two-layer and
four-layer PCB's are shown in Figure16 and Figure 17
respectively.
If the PCB has one layer, see Figure 18 for the layout of
PGND pin.
Figure 15. The Layout for the Two-Layer PCB
Figure 16. The Section View for the Two-Layer PCB
Figure 17. The Section View for the Four-Layer PCB
Figure 18. The Layout for the Single-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com