Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDL2012 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ESDL2012
Description  ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDL2012 Datasheet(HTML) 4 Page - ON Semiconductor

  ESDL2012 Datasheet HTML 1Page - ON Semiconductor ESDL2012 Datasheet HTML 2Page - ON Semiconductor ESDL2012 Datasheet HTML 3Page - ON Semiconductor ESDL2012 Datasheet HTML 4Page - ON Semiconductor ESDL2012 Datasheet HTML 5Page - ON Semiconductor ESDL2012 Datasheet HTML 6Page - ON Semiconductor ESDL2012 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ESDL2012
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 6. Positive 200 ns TLP IV Curve
VOLTAGE (V)
0
2
4
6
8
02
4
6
Figure 7. Negative 200 ns TLP IV Curve
VOLTAGE (V)
8
10
12
10
14
12
0
2
4
6
8
02
4
6
8
10
12
10
14
12
14
16
16
14
16
16
Figure 8. Positive Clamping Voltage vs. Peak Pulse
Current (per IEC61000−4−5 (tp = 1.2/50 ms, Req = 12 W))
5.0
0.0
4.0
3.5
3.0
2.5
0.5
1.0
1.5 2.0
IPK (A)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Figure 9. Negative Clamping Voltage vs. Peak Pulse
Current (per IEC61000−4−5 (tp = 1.2/50 ms, Req = 12 W))
5.0
4.5
5.0
0.0
4.0
3.5
3.0
2.5
0.5
1.0
1.5 2.0
IPK (A)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
5.0
4.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com