Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDL2012 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESDL2012
Description  ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDL2012 Datasheet(HTML) 1 Page - ON Semiconductor

  ESDL2012 Datasheet HTML 1Page - ON Semiconductor ESDL2012 Datasheet HTML 2Page - ON Semiconductor ESDL2012 Datasheet HTML 3Page - ON Semiconductor ESDL2012 Datasheet HTML 4Page - ON Semiconductor ESDL2012 Datasheet HTML 5Page - ON Semiconductor ESDL2012 Datasheet HTML 6Page - ON Semiconductor ESDL2012 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2018
November, 2019 − Rev. 1
1
Publication Order Number:
ESDL2012/D
ESDL2012
ESD Protection Diode
Micro−Packaged Diodes for ESD Protection
The ESDL2012 is designed to protect voltage sensitive components
that require low capacitance from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast
response time, make these parts ideal for ESD protection on designs
where board space is at a premium. Because of its low capacitance, the
part is well suited for use in high speed data line applications.
Features
• Low Capacitance
• Low Clamping Voltage
• Small Body Outline Dimensions: 0.60 mm x 0.30 mm
• Low Body Height: 0.2 mm
• Stand−off Voltage: 1.0 V
• IEC61000−4−2 Level 4 ESD Protection
• SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• SZESDL2012MX2WT5G − Wettable Flank Package for optimal
Automated Optical Inspection (AOI)
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• USB 3.x
• Thunderbolt 3.0
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±16
±16
kV
Total Power Dissipation on FR−4 Board
(Note 1) @ TA = 25°C
Thermal Resistance, Junction−to−Ambient
°PD°
RqJA
313
400
mW
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−4 = 28 mm2 1 oz. Cu JEDEC JESD51−3 two layer PCB.
See Application Note AND8308/D for further description of survivability specs.
Device
Package
Shipping†
ORDERING INFORMATION
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ESDL2012MX4T5G
X4DFN2
(Pb−Free)
10000 /
Tape & Reel
X4DFN2
(0201)
CASE 152AX
MARKING
DIAGRAM
12
K
= Specific Device Code
M
= Date Code
X2DFNW2
CASE 717AB
XXM
XX
= Specific Device Code
M
= Date Code
SZESDL2012MX2WT5G
(In Development)
X2DFNW2
(Pb−Free)
8000 / Tape
& Reel


Similar Part No. - ESDL2012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDL2011 ONSEMI-ESDL2011 Datasheet
259Kb / 7P
ESD Protection Diode
February, 2024 - Rev. 3
ESDL2011PFCT5G ONSEMI-ESDL2011PFCT5G Datasheet
259Kb / 7P
ESD Protection Diode
February, 2024 - Rev. 3
More results

Similar Description - ESDL2012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD5Z2.5T1 ONSEMI-ESD5Z2.5T1_06 Datasheet
111Kb / 4P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
October, 2006 ??Rev. 5
ESD11B5.0ST5G ONSEMI-ESD11B5.0ST5G Datasheet
138Kb / 4P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESD11N5.0ST5G ONSEMI-ESD11N5.0ST5G Datasheet
138Kb / 4P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESD9B3.3ST5G ONSEMI-ESD9B3.3ST5G Datasheet
132Kb / 4P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
September, 2008 ??Rev. 0
ESD5484FCT5G ONSEMI-ESD5484FCT5G_13 Datasheet
132Kb / 6P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
March, 2013 ??Rev. 2
ESDL4151 ONSEMI-ESDL4151 Datasheet
339Kb / 7P
ESD and Surge Protection Device, Bidirectional, 15 V Micro?뭁ackaged Diodes for ESD Protection
September, 2019 ??Rev. 0
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
SESDU1052 ONSEMI-SESDU1052 Datasheet
226Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
August, 2021 ??Rev. 0
ESDM1053 ONSEMI-ESDM1053 Datasheet
213Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
March, 2022 ??Rev. 0
ESD5101 ONSEMI-ESD5101_V01 Datasheet
277Kb / 9P
ESD Protection Diodes Micro-packaged Diodes for ESD Protection
June, 2018 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com