Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDL2012 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESDL2012
Description  ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDL2012 Datasheet(HTML) 2 Page - ON Semiconductor

  ESDL2012 Datasheet HTML 1Page - ON Semiconductor ESDL2012 Datasheet HTML 2Page - ON Semiconductor ESDL2012 Datasheet HTML 3Page - ON Semiconductor ESDL2012 Datasheet HTML 4Page - ON Semiconductor ESDL2012 Datasheet HTML 5Page - ON Semiconductor ESDL2012 Datasheet HTML 6Page - ON Semiconductor ESDL2012 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bi−Directional Surge Protector
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
ESDL2012
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
1.0
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
1.4
1.6
2.1
V
Reverse Leakage Current
IR
VRWM = 1.0 V
30
500
nA
Clamping Voltage (Note 2)
VC
IEC61000−4−2, ±8 kV Contact
Figures 1 and 2
V
Clamping Voltage, 200 ns TLP,
IEC61000−4−2 Level 1 Equivalent
(±2 kV Contact, ±4 kV Air)
IEC61000−4−2 Level 2 Equivalent
(±4 kV Contact, ±8 kV Air)
VC
IPP = 4 A
IPP = 4 A (SZESDL2012)
3.5
4.0
5.0
V
IPP = 8 A
IPP = 8 A (SZESDL2012)
4.7
5.2
7.5
Reverse Peak Pulse Current per
Figure 12
IPP
per IEC61000−4−5 (1.2/50 ms), Req = 12 W
3.5
4.7
A
Clamping Voltage,
IEC61000−4−5 (1.2/50 ms)
Waveform per Figure 12
VC
IPP = 2.1 A, Req = 12 W
IPP = 2.1 A, Req = 12 W (SZESDL2012)
3.1
3.4
4.5
V
Clamping Voltage,
IEC61000−4−5 (1.2/50 ms)
Waveform per Figure 12
VC
IPP = 3.5 A, Req = 12 W
IPP = 3.5 A, Req = 12 W (SZESDL2012)
3.7
4.1
5.5
V
Dynamic Resistance
(200 ns TLP, 4 A to 8 A)
RDYN
I/O Pin to GND
I/O Pin to GND (SZESDL2012)
0.30
0.65
W
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
VR = 0 V, f = 1 MHz (SZESDL2012)
0.18
0.25
0.23
0.35
pF
Insertion Loss
IL
f = 10 GHz
f = 13 GHz
f = 15 GHz
0.26
0.27
0.28
0.33
0.36
0.37
dB
Return Loss
RL
f = 10 GHz
f = 13 GHz
f = 15 GHz
14
12
11
16
14
13
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. For test procedure see application note AND8307/D.
3. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 200 ns, tr = 1 ns, averaging window; t1 = 170 ns to t2 = 190 ns.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com