Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9921 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 8 Page - Supertex, Inc

Back Button HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc HV9921 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
NR092005
HV9921/HV9922/HV9923
62.00
64.00
66.00
68.00
70.00
72.00
74.00
76.00
78.00
80.00
82.00
75
100 125 150 175 200 225 250 275
Input AC Line Voltage (VAC)
Figure 3. Typical Efficiency
ZERO VOLTAGE
TRANSITION
Figure 4. Switch-Off Transition. Ch1: VDRAIN, Ch3: IDRAIN
25mA
LEADING EDGE SPIKE
SWITCH OFF
Figure 5. Typical Efficiency
Figure 6. Switch-Off Transition. Ch1: VDRAIN, Ch3: IDRAIN
62.00
64.00
66.00
68.00
70.00
72.00
74.00
76.00
78.00
80.00
82.00
75
100 125 150 175 200 225 250 275
Input AC Line Voltage (VAC)
Figure 3. Typical Efficiency
ZERO VOLTAGE
TRANSITION
Figure 4. Switch-Off Transition. Ch1: VDRAIN, Ch3: IDRAIN
25mA
LEADING EDGE SPIKE
SWITCH OFF
Figure 5. Typical Efficiency
Figure 6. Switch-Off Transition. Ch1: VDRAIN, Ch3: IDRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com