Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9921 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 1 Page - Supertex, Inc

  HV9921 Datasheet HTML 1Page - Supertex, Inc HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HV9921/HV9922/HV9923
3-Pin Switch-Mode LED Lamp Driver ICs
1
NR092005
Initial Release
Features
Constant Output Current:
o
HV9921 – 20mA
o
HV9922 – 50mA
o
HV9923 – 30mA
Universal 85-264VAC Operation
Fixed OFF-Time Buck Converter
Internal 500V Power MOSFET
Applications
Decorative Lighting
Low Power Lighting Fixtures
General Description
The HV9921/22/23 are pulse width modulated (PWM)
high-efficiency LED driver control ICs. They allow efficient
operation of LED strings from voltage sources ranging up
to 400VDC. The HV9921/22/23 include an internal high
voltage switching MOSFET controlled with fixed off-time T
OFF
of approximately 10
µs. The LED string is driven at constant
current, thus providing constant light output and enhanced
reliability. The output current is internally fixed at 20mA for
HV9921, 50mA for HV9922, and 30mA for the HV9923. The
peak current control scheme provides good regulation of the
output current throughout the universal AC line voltage range
of 85 to 264VAC or DC input voltage of 20 to 400V.
Typical Application Circuit
HV9921/22/23


Similar Part No. - HV9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
3-Pin Switch-Mode LED Lamp Driver IC
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
Supertex, Inc
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
Universal Off-line LED Driver Demoboard
HV9921N3 SUTEX-HV9921N3 Datasheet
501Kb / 10P
3-Pin Switch-Mode LED Lamp Driver IC
logo
Microchip Technology
HV9921N3-G MICROCHIP-HV9921N3-G Datasheet
339Kb / 19P
3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
More results

Similar Description - HV9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
3-Pin Switch-Mode LED Lamp Driver IC
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
LED Driver ICs
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
First Silicon Co., Ltd
FC9920 FS-FC9920 Datasheet
513Kb / 7P
3-Pin Switch-Mode LED Lamp Driver
FC9921 FS-FC9921 Datasheet
758Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com