Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9921 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9921 Datasheet HTML 1Page - Supertex, Inc HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
NR092005
HV9921/HV9922/HV9923
Regulator (V
DD)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
DD
V
DD Regulator Output
7.1
7.5
7.8
V
V
DRAIN
V
DRAIN Supply Voltage
20
V
V
UVLO
V
DD Undervoltage Threshold
5.0
V
∆V
UVLO
V
DD Undervoltage Lockout
Hysteresis
200
mV
I
DD
Operating Supply Current
200
350
µA
V
DD(EXT) = 8.5V, VDRAIN = 40V
Output (DRAIN)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
BR
Breakdown Voltage
500
V
R
ON
ON Resistance – HV9921,22, 23
210
Ω
I
DRAIN = 20mA (HV9921)
I
DRAIN = 50mA (HV9922)
I
DRAIN = 30mA (HV9923)
C
DRAIN
Output Capacitance
1
5
pF
V
DRAIN = 400V
I
SAT
MOSFET Saturation Current
100
150
mA
Current Sense Comparator
Symbol
Parameter
Min
Typ
Max
Units
Conditions
I
TH
Threshold Current – HV9921
20.5
25.5
mA
*
I
TH
Threshold Current – HV9922
52
63
mA
*
I
TH
Threshold Current – HV9923
30.8
38.2
mA
*
T
BLANK
Leading Edge Blanking Delay
200
300
400
ns
*
T
ON(MIN)
Minimum ON Time
650
ns
OFF-Time Generator
Symbol
Parameter
Min
Typ
Max
Units
Conditions
T
OFF
OFF Time
8
10.5
13
µs
Ordering Information
DEVICE
Package Options
TO-92
SOT-89
HV9921
HV9921N3-G
HV9921N8-G
HV9922
HV9922N3-G
HV9922N8-G
HV9923
HV9923N3-G
HV9923N8-G
Absolute Maximum Ratings
Supply Voltage, V
DD
-0.3 to +10V
Supply Current, I
DD
+5mA
Operating Ambient Temperature Range
-40°C to +85°C
Operating Junction Temperature Range
-40° to +125°C
Storage Temperature Range
-65° to +150°C
Power Dissipation @ 25°C, TO-92
740mW
Power Dissipation @ 25°C, SOT-89
1600mW†
† Mounted on FR4 board, 25mm x 25mm x 1.57mm. Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Electrical Characteristics (The * denotes the specifications which apply over the full operating junction temperature range of
-40
°C < T
A < +85
°C, otherwise the specifications are at T
A=25
°C, V
DRAIN=50V, unless otherwise noted)
-G indicates package is RoHS compliant (‘Green’)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com