Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686B Datasheet(PDF) 52 Page - Analog Devices

Part # LTM4686B
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 52 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 48Page - Analog Devices LTM4686B Datasheet HTML 49Page - Analog Devices LTM4686B Datasheet HTML 50Page - Analog Devices LTM4686B Datasheet HTML 51Page - Analog Devices LTM4686B Datasheet HTML 52Page - Analog Devices LTM4686B Datasheet HTML 53Page - Analog Devices LTM4686B Datasheet HTML 54Page - Analog Devices LTM4686B Datasheet HTML 55Page - Analog Devices LTM4686B Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 130 page
background image
LTM4686B
52
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Coincident rail tracking can be achieved by setting two
outputs to have the same turn-on/off slew rates, identical
turn-on delays, and appropriately chosen turn-off delays
(see Equation 7 through Equation 9).
VOUT _COMMANDRAIL1
TON_RISERAIL1
=
VOUT _COMMANDRAIL2
TON_RISERAIL2
and
VOUT _COMMANDRAIL1
TOFF _FALLRAIL1
=
VOUT _COMMANDRAIL2
TOFF _FALLRAIL2
(7)
and
TON_DELAYRAIL1 = TON_DELAYRAIL2
and (if VOUT_COMMANDRAIL2 ≥ VOUT_COMMANDRAIL1)
TOFF _DELAYRAIL1 =
TOFF _DELAYRAIL2 + 1–
VOUT _COMMANDRAIL1
VOUT _COMMANDRAIL2
⎛
⎝⎜
⎞
⎠⎟
•TOFF _FALLRAIL2
(8)
or else (VOUT_COMMANDRAIL2 < VOUT_COMMANDRAIL1)
TOFF _DELAYRAIL2 =
TOFF _DELAYRAIL1+ 1–
VOUT _COMMANDRAIL2
VOUT _COMMANDRAIL1
⎛
⎝⎜
⎞
⎠⎟
•TOFF _FALLRAIL1
(9)
The described method of start-up sequencing is time
based. For concatenated events it is possible to control
the RUN pin based on the GPIOn pin of a different con-
troller (see Figure 1). The GPIOn pin can be configured
to release when the output voltage of the converter is
greater than the VOUT_UV_FAULT_LIMITn. It is recom-
mended to use the unfiltered VOUT UV fault limit because
there is little appreciable time delay between the con-
verter crossing the UV threshold and the GPIOn pin
releasing. The unfiltered output can be enabled by the
MFR_GPIO_PROPAGATEn[12] setting. (Refer to the MFR
section of the PMBus commands in Appendix C: PMBus
Command Details). The unfiltered signal may have some
glitching as the VOUT signal transitions through the com-
parator threshold. A small digital filter of 250µs internally
deglitches the GPIOn pins. If the TON_RISE time is greater
than 100ms, the deglitch filter should be complimented
with an externally applied capacitor between GPIOn and
ground—to further filter the waveform. The RC time-con-
stant of the filter should be set sufficiently fast to assure
no appreciable delay is incurred. For most applications,
a value of 300µs to 500µs will provide sufficient filtering
without significantly delaying the trigger event.
DIGITAL SERVO MODE
For maximum accuracy in the regulated output voltage,
enable the digital servo loop by asserting bit 6 of the
MFR_PWM_MODEn command. In digital servo mode,
the LTM4686B adjusts the regulated output voltage based
on the ADC voltage reading. Every 90ms the digital servo
loop steps the LSB of the DAC (nominally 1.375mV or
0.6875mV depending on the voltage range bit, MFR_
PWM_MODEn[1]) until the output is at the correct ADC
reading. At power-up this mode engages after TON_MAX_
FAULT_LIMITn unless the limit is set to 0 (infinite). If
the TON_MAX_FAULT_LIMITn is set to 0 (infinite), the
servo begins after TON_RISEn is complete and VOUTn
has exceeded VOUT_UV_FAULT_LIMITn and IOUT_OCn
is not present. This same point in time is when the output
changes from discontinuous to the mode commanded by
MFR_PWM_MODEn[0]. Refer to Figure 2 for details on
the VOUTn waveform under time based sequencing.
DAC VOLTAGE
ERROR (NOT
TO SCALE)
TIME DELAY OF
MANY SECONDS
DIGITAL SERVO
MODE ENABLED FINAL OUTPUT
VOLTAGE REACHED
TON_MAX_FAULT_LIMITn
TON_RISEn
TIME
4686B F02
TON_DELAYn
VOUTn
RUNn
VOUT_UV_FAULT_LIMITn
Figure 2. Timing Controlled VOUT Rise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com