Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686B Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4686B
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 9Page - Analog Devices LTM4686B Datasheet HTML 10Page - Analog Devices LTM4686B Datasheet HTML 11Page - Analog Devices LTM4686B Datasheet HTML 12Page - Analog Devices LTM4686B Datasheet HTML 13Page - Analog Devices LTM4686B Datasheet HTML 14Page - Analog Devices LTM4686B Datasheet HTML 15Page - Analog Devices LTM4686B Datasheet HTML 16Page - Analog Devices LTM4686B Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
LTM4686B
13
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
READ_IOUT of 25 LTM4686Bs
(DC3089) 5VIN, 1VOUT
READ_IOUT of 25 LTM4686Bs
(DC3089) 5VIN, 1VOUT
READ_IOUT of 25 LTM4686Bs
(DC3089) 5VIN, 1VOUT
READ_IOUT CHANNEL READBACK (A)
4686B G19
0
3
6
9
12
15
TJ = 125°C, IOUTn = 10A,
SYSTEM HAVING REACHED
THERMALLY STEADY-STATE
CONDITION, NO AIRFLOW
PIN FUNCTIONS
VOUT0 (A1, B1, C1, D1): Channel 0 Output Voltage.
GND (A2–A8, B2–B7, C2, C4–C8, D2, D5, E1, E9, F1, F8,
G1, G8–G9, H1, H8–H9, J2, J8, K2, K5–K8, L2–L7, M2–
M8): Power Ground of the LTM4686B. Power return for
VOUT0 and VOUT1.
VIN0 (A9, B9, C9, D9): Positive Power Input to Channel
0 Switching Stage. Provide sufficient decoupling capaci-
tance in the form of multilayer ceramic capacitors (MLCCs)
and low ESR electrolytic (or equivalent) to handle reflected
input current ripple from the step-down switching stage.
MLCCs should be placed as close to the LTM4686B as
physically possible. See Layout Recommendations in the
Applications Information section.
SW0 (B8): Switching Node of Channel 0 Step-Down
Converter Stage. Used for test purposes or EMI-snubbing.
May be routed a short distance to a local test point to
monitor switching action of Channel 0, if desired, but do
not route near any sensitive signals; otherwise, leave elec-
trically isolated (open).
TSNS0 (C3 and D3): Temperature Sensor Node for
Channel 0. Pads C3 and D3 are connected to each other
internal to the module. It is permissible to leave these
pads electrically open circuit and to only solder these
pins to mounting pads on the PC board for mechanical
integrity purposes. However, it is acceptable to electrically
connect C3 to D3 on the PC board.
SDA (D4): Serial Bus Data Open-Drain Input and Output.
A pull-up resistor to 3.3V is required in the application.
COMP0b, COMP1b (D6 and J6, Respectively): Internal
Loop Compensation Networks for Channels 0 and 1,
Respectively. For the vast majority of applications, the
internal, default loop compensation of the LTM4686B
is suitable to apply “as is”, and yields very satisfactory
results: apply the default loop compensation to the control
loops of Channels 0 and 1 by simply connecting COMP0a
to COMP0b and COMP1a to COMP1b, respectively. In
contrast, when more specialized applications require a
personal touch the optimization of control loop response,
READ_IOUT CHANNEL READBACK (A)
4686B G17
0
3
6
9
12
15
TJ = –40°C, IOUTn = 10A,
SYSTEM HAVING REACHED
THERMALLY STEADY-STATE
CONDITION, NO AIRFLOW
READ_IOUT CHANNEL READBACK (A)
4686B G18
0
3
6
9
12
15
TJ = 25°C, IOUTn = 10A,
SYSTEM HAVING REACHED
THERMALLY STEADY-STATE
CONDITION, NO AIRFLOW
TA = 25°C, 5VIN to 1VOUT, switching frequency set
per Table 7, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com