Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686B Datasheet(PDF) 92 Page - Analog Devices

Part # LTM4686B
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 92 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 88Page - Analog Devices LTM4686B Datasheet HTML 89Page - Analog Devices LTM4686B Datasheet HTML 90Page - Analog Devices LTM4686B Datasheet HTML 91Page - Analog Devices LTM4686B Datasheet HTML 92Page - Analog Devices LTM4686B Datasheet HTML 93Page - Analog Devices LTM4686B Datasheet HTML 94Page - Analog Devices LTM4686B Datasheet HTML 95Page - Analog Devices LTM4686B Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 130 page
background image
LTM4686B
92
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
This command has two data bytes and is formatted in Linear_16u format.
VOUT_UV_WARN_LIMIT
The VOUT_UV_ WARN_LIMIT command reads the value of the output voltage measured at the sense pins, in volts,
which causes an output voltage low warning.
In response to the VOUT_UV_WARN_LIMIT being exceeded, the device:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the VOUT bit in the STATUS_WORD
• Sets the VOUT Undervoltage Warning bit in the STATUS_VOUT command
• Notifies the host by asserting ALERT pin, unless masked.
This condition is detected by the ADC so the response time may be up to 90ms, typical.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_UV_FAULT_LIMIT
The VOUT_UV_FAULT_LIMIT command reads the value of the output voltage measured at the sense pins, in volts,
which causes an output undervoltage fault.
This command has two data bytes and is formatted in Linear_16u format.
MFR_VOUT_MAX
The MFR_VOUT_MAX command is the maximum output voltage in volts for each channel including VOUT_OV_FAULT_
LIMIT. If the output voltages are set to high range (Bit 1 of MFR_PWM_MODE set to a 0) MFR_VOUT_MAX for channel
0 and 1 is 5.7V. If the output voltages are set to low range (Bit 1 of MFR_PWM_MODE set to a 1) the MFR_VOUT_MAX
for both channels is 2.75V. Entering VOUT_COMMAND values greater than this will result in a CML fault and the output
voltage setting will be clamped to the maximum level.
This read-only command has 2 data bytes and is formatted in Linear_16u format.
CURRENT
Input Current Calibration
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
MFR_IIN_OFFSET
0xE9
Coefficient used to add to the input current to
account for the IQ of the part.
R/W
Word
Y
L11
A
Y
0.04816
0x9315
MFR_IIN_OFFSET
The MFR_IIN_OFFSET command allows the user to set an input current representing the quiescent current of each
channel. For accurate results at low output current, the part should be in continuous conduction mode. (MFR_PWM_
MODE[0] = 1b). See Table 8 for recommended values.
This command has 2 data bytes and is formatted in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com