Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 7 Page - ams AG

Part # AS5043
Description  PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 7 Page - ams AG

Back Button AS5043 Datasheet HTML 3Page - ams AG AS5043 Datasheet HTML 4Page - ams AG AS5043 Datasheet HTML 5Page - ams AG AS5043 Datasheet HTML 6Page - ams AG AS5043 Datasheet HTML 7Page - ams AG AS5043 Datasheet HTML 8Page - ams AG AS5043 Datasheet HTML 9Page - ams AG AS5043 Datasheet HTML 10Page - ams AG AS5043 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
AS5043 Programmable 360° Magnetic Angle Encoder
Revision 1.4, 04-Apr-06
www.austriamicrosystems.com
Page 7 of 26
11 Analog Output
The analog output Vout provides an analog voltage that is
proportional to the angle of the rotating magnet and
ratiometric to the supply voltage VDD5V (max.5.5V). It
can source or sink currents up to
±1mA in normal
operation (up to 66mA short circuit current).
The analog output block consists of a digital angular
range selector, a 10-bit Digital-to-Analog converter and
an OPAMP buffer stage (see Figure 14).
The digital range selector allows a preselection of the
angular range for 360°,180°,90° or 45° (see Table 5).
Fine-tuning of the angular range can be accomplished by
adjusting the gain of the OPAMP buffer stage.
The reference voltage for the Digital-to-Analog converter
(DAC) can be taken internally from VDD5V / 2. In this
mode, the output voltage is ratiometric to the supply
voltage.
Alternatively, an external DAC reference can be applied
at pin DACref (#9). In this mode, the analog output is
ratiometric to the external reference voltage.
An on-chip diagnostic feature turns the analog output off
in case of an error (broken supply or magnetic field out of
range; see Table 3).
The DAC output can be accessed directly at pin #10
DACout.
The addition of an OPAMP to the DAC output allows a
variety of user configurable options, such as variable
output voltage ranges and variable output voltage versus
angle response. By adding an external transistor, the
analog voltage output can be buffered to allow output
currents up to hundred milliamperes or more.
Furthermore, the OPAMP can be configured as constant
current source.
As an OTP option, the DAC can be configured to 2
different output ranges:
a) 0……100% VDACref. The reference point may be either
taken from VDD5V/2 or from the external DACref input.
The 0…100% range allows easy replacement of
potentiometers. Due to the nature of rail-to-rail outputs,
the linearity will degrade at output voltages that are close
to the supply rails.
b) 10…..90% VDACref. This range allows better linearity,
as the OPAMP is not driven to the rails. Furthermore, this
mode allows failure detection, when the analog output
voltage is outside of the normal operating range of
10…90%VDD, as in the case of broken supply or when
the magnetic field is out of range and the analog output
is turned off.
11.1 Analog output voltage modes
The Analog output voltage modes are programmable by OTP. Depending on the application, the analog output can be
selected as rail-to-rail output or as clamped output with 10%-90% VDD5V.
The output is ratiometric to the supply voltage (VDD5V), which can range from 3.0V to 5.5V. If the DAC reference is
switched to an external reference (pin DACref), the output is ratiometric to the external reference.
11.1.1 Full Scale Mode
This output mode provides a ratiometric DAC output of (0% to 100%)x Vref *), amplified by the OPAMP stage (default =
internal 2x gain, see Figure 14)
Note: For simplification, Figure 8
describes a linear output voltage from
rail to rail (0V to VDD). In practice, this
is not feasible due to saturation effects
of the OPAMP output driver transistors.
The actual curve will be rounded
towards the supply rails (as indicated in
Figure 8).
Figure 8: Analog output, full scale mode (shown for 360°mode)
Vref
0°
90°
180°
270°
360°
0V
analog
output
voltage
angle
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com