Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 5 Page - ams AG

Part # AS5043
Description  PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 5 Page - ams AG

  AS5043 Datasheet HTML 1Page - ams AG AS5043 Datasheet HTML 2Page - ams AG AS5043 Datasheet HTML 3Page - ams AG AS5043 Datasheet HTML 4Page - ams AG AS5043 Datasheet HTML 5Page - ams AG AS5043 Datasheet HTML 6Page - ams AG AS5043 Datasheet HTML 7Page - ams AG AS5043 Datasheet HTML 8Page - ams AG AS5043 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
AS5043 Programmable 360° Magnetic Angle Encoder
Revision 1.4, 04-Apr-06
www.austriamicrosystems.com
Page 5 of 26
MagInc, (Magnitude Increase) becomes HIGH, when the
magnet is pushed towards the IC, thus the magnetic field
strength is increasing.
MagDec, (Magnitude Decrease) becomes HIGH, when
the magnet is pulled away from the IC, thus the magnetic
field strength is decreasing.
Both signals HIGH indicate a magnetic field that is out of
the allowed range (see Table 3).
Note: Pin 1 (MagRngn) is a combination of MagInc and
MagDec. It is active low via an open drain output and
requires an external pull-up resistor. If the magnetic field
is in range, this output is turned off. (logic “high”).
Even Parity bit for transmission error detection of bits
1…15 (D9…D0, OCF, COF, LIN, MagInc, MagDec)
The absolute angular output is always set to a resolution
of 10 bit / 360°. Placing the magnet above the chip,
angular values increase in clockwise direction by default.
Even
PAR
CSn
CLK
DO
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
18
16
COF
LIN
OCF
Ma g
IN C
Ma g
DEC
t DO active
t DO Tristate
1
D9
t CLK FE
t DO valid
t CLK FE
t CSn
T CLK / 2
Angular Position Data
Status Bits
Figure 5: Synchronous serial interface with absolute angular position data
8.2
Z-Axis Range Indication (Push Button Feature, Red/Yellow/Green Indicator)
The AS5043 provides several options of detecting
movement and distance of the magnet in the vertical (Z-)
direction. Signal indicators MagINC, MagDEC and LIN
are available as status bits in the serial data stream,
while MagRngn is an open-drain output that indicates an
out-of range status (on in YELLOW or RED range).
Additionally, the analog output provides a safety feature
in the form that it will be turned off when the magnetic
field is too strong or too weak (RED range).
The serial data is always available, the red/yellow/green
status is indicated by the status bits as shown below:
SSI Status bits
Hardware Pins
Mag
INC
Mag
DEC
LIN
Mag
Rngn
Analog
output
Description
0
0
0
Off
enabled
No distance change
Magnetic Input Field OK (GREEN range, ~45…75mT)
0
1
0
Off
enabled
Distance increase, GREEN range; Pull-function. This state is dynamic and only active while the magnet is
moving away from the chip.
1
0
0
Off
enabled
Distance decrease, GREEN range; Push- function. This state is dynamic and only active while the magnet is
moving towards the chip.
1
1
0
On
enabled
YELLOW Range: Magnetic field is ~ 25…45mT or ~75…135mT. The AS5043 may still be operated in this
range, but with slightly reduced accuracy.
1
1
1
On
disabled
RED Range: Magnetic field is ~<25mT or >~135mT. The analog output will be turned off in this range by
default. It can be enabled permanently by OTP programming (see 11.1.2).
It is still possible to use the absolute serial interface in the red range, but not recommended.
Table 3: Magnetic field strength indicators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com