Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 9 Page - ams AG

Part # AS5043
Description  PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 9 Page - ams AG

Back Button AS5043 Datasheet HTML 5Page - ams AG AS5043 Datasheet HTML 6Page - ams AG AS5043 Datasheet HTML 7Page - ams AG AS5043 Datasheet HTML 8Page - ams AG AS5043 Datasheet HTML 9Page - ams AG AS5043 Datasheet HTML 10Page - ams AG AS5043 Datasheet HTML 11Page - ams AG AS5043 Datasheet HTML 12Page - ams AG AS5043 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AS5043 Programmable 360° Magnetic Angle Encoder
Revision 1.4, 04-Apr-06
www.austriamicrosystems.com
Page 9 of 26
12 Programming the AS5043
After power-on, programming the AS5043 is enabled with
the rising edge of CSn and Prog = logic high. 16 bit
configuration data must be serially shifted into the OTP
register via the Prog-pin. The first “CCW” bit is followed
by the zero position data (MSB first) and the Analog
Output Mode setting as shown in Table 5. Data must be
valid at the rising edge of CLK (see Figure 10). Following
this sequence, the voltage at pin Prog must be raised to
the programming voltage VPROG (see Figure 11). 16 CLK
pulses (tPROG) must be applied to program the fuses. To
exit the programming mode, the chip must be reset by a
power-on-reset. The programmed data is available after
the next power-up.
Note: During the programming process, the transitions in
the programming current may cause high voltage spikes
generated by the inductance of the connection cable. To
avoid these spikes and possible damage to the IC, the
connection wires, especially the signals PROG and VSS
must be kept as short as possible. The maximum wire
length between the VPROG switching transistor and pin
PROG (Figure 12) should not exceed 50mm (2 inches).
To suppress eventual voltage spikes, a 10nF ceramic
capacitor should be connected close to pins PROG and
VSS. This capacitor is only required for programming, it
is not required for normal operation. The clock timing tclk
must be selected at a proper rate to ensure that the
signal PROG is stable at the rising edge of CLK (see
Figure 10). Additionally, the programming supply voltage
should be buffered with a 10µF capacitor mounted close
to the switching transistor. This capacitor aids in
providing peak currents during programming. The
specified programming voltage at pin PROG is 7.3 – 7.5V
(see section 19.7). To compensate for the voltage drop
across the VPROG switching transistor, the applied
programming voltage may be set slightly higher (7.5 -
8.0V, see Figure 12).
OTP Register Contents:
CCW
Counter Clockwise Bit
ccw=0 – angular value increases with clockwise rotation
ccw=1 – angular value increases with counterclockwise rotation
Z [9:0]: Programmable Zero / Index Position
FB_intEN: OPAMP gain setting: 0=external, 1=internal
RefExtEN: DAC reference: 0=internal, 1=external
ClampMd EN:
Analog output span: 0=0-100%,
1=10-90%*VDD
Output Range (OR0, OR1):
Analog Output Range Selection
[1:0]
00 = 360°
01 = 180°
10 = 90°
11 = 45°
Figure 10: Programming Access – OTP Write Cycle (section of Figure 11)
Figure 11: Complete OTP programming sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com