Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8024B Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # AP8024B
Description  NON-ISOLATED PFM CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8024B Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  AP8024B Datasheet HTML 1Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 2Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 3Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 4Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 5Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 6Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 7Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 8Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8024
AC-DC PFM CONTROLLER
NON-ISOLATED PFM CONVERTERS
REV2.0
- JAN 2015 RELEASED, MAR 2018 UPDATED -
- 2 -
PIN DESCRIPTION
Top View
Pin #
Symbol
Function
1, 2
GND
Ground
3
NC
No connection
4
VDD
Positive Supply voltage Input.
5
NC
No connection
6, 7
SW
HV MOSFET Drain pin.
TYPICAL POWER
Part Number
Input Voltage
Steady output powerNOTE1
Peak Power NOTE2
AP8024 DIP7
150-265 VAC
3.6W(12V300mA)
4.8W(12V400mA)
85-265 VAC
3.0W(12V250mA)
4.2W(12V350mA)
NOTE1: Maximum output power in a semi enclosed design measured at 75°C ambient temperature, Duration:2 hours
NOTE2: Peak power in a semi enclosed design measured at 75°C ambient temperature, Duration:1 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com