Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8024B Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # AP8024B
Description  NON-ISOLATED PFM CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8024B Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  AP8024B Datasheet HTML 1Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 2Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 3Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 4Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 5Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 6Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 7Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 8Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8024
AC-DC PFM CONTROLLER
NON-ISOLATED PFM CONVERTERS
REV2.0
- JAN 2015 RELEASED, MAR 2018 UPDATED -
- 1 -
DESCRIPTION
FEATURES
The AP8024 consists of an integrated Pulse
Frequency Modulator (PFM) controller and power
MOSFET , specifically designed for small power
non-isolated switching power supply. AP8024 has
internal high voltage start-up circuit and complete
intelligent protections including adjustable Over
Current Protection (OCP), Under Voltage Lockout
(UVLO) and Over Temperature Protection (OTP).
Excellent EMI performance could be achieved with
Pulse Frequency Modulation.
AP8024 is available in a DIP7 package.
Internal 650V avalanche-rugged smart power
VDMOSFET
Internal HV Start-up Circuit
Be optimized with 12V output non-isolated
application
Semi enclosed steady output power 3.6W
@230VAC, DIP7
Frequency modulation for low EMI
Excellent constant voltage regulation and High
efficiency
Excellent Protection Coverage:
Adjustable Over Current Protection(OCP)
Over Temperature Protection(OTP)
Under Voltage Lockout(UVLO)
Available in a DIP7 package.
ORDERING INFORMATION
APPLICATION
Package Type
Part Number
DIP7
SPQ: 50pcs/Tube
P7
AP8024P7U
AP8024P7VU
Note
V: Halogen free Package
U: Tube
AiT provides all RoHS products
non-isolated assistant power supply


Similar Part No. - AP8024B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AP8022 AITSEMI-AP8022 Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
AP8022A AITSEMI-AP8022A Datasheet
483Kb / 12P
PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH
REV1.0 - OCT 2020
AP8022P8U AITSEMI-AP8022P8U Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
AP8022P8VU AITSEMI-AP8022P8VU Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
AP8025 AITSEMI-AP8025 Datasheet
627Kb / 12P
NON-ISOLATED W/FIXED 5VOUT SYNCHRONOUS
REV1.0
More results

Similar Description - AP8024B

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com