Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8024B Datasheet (PDF) - AiT Semiconductor Inc.

AP8024B Datasheet PDF - AiT Semiconductor Inc.
Part # AP8024B
Download  AP8024B Download
File Size   455.26 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description NON-ISOLATED PFM CONVERTERS

AP8024B Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8024B Datasheet PDF - AiT Semiconductor Inc.

Part # AP8024B
Download  AP8024B Click to download

File Size   455.26 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description NON-ISOLATED PFM CONVERTERS

AP8024B Datasheet (HTML) - AiT Semiconductor Inc.


AP8024B Product details

DESCRIPTION
The AP8024 consists of an integrated Pulse Frequency Modulator (PFM) controller and power MOSFET,specifically designed for small power non-isolated switching power supply. AP8024 has internal high voltage start-up circuit and complete intelligent protections including adjustable Over Current Protection (OCP), Under Voltage Lockout (UVLO) and Over Temperature Protection (OTP). Excellent EMI performance could be achieved with Pulse Frequency Modulation.
AP8024 is available in a DIP7 package.

FEATURES
 Internal 650V avalanche-rugged smart power VDMOSFET
 Internal HV Start-up Circuit
 Be optimized with 12V output non-isolated application
 Semi enclosed steady output power 3.6W @230VAC, DIP7
 Frequency modulation for low EMI
 Excellent constant voltage regulation and High efficiency
 Excellent Protection Coverage:
Adjustable Over Current Protection(OCP)
Over Temperature Protection(OTP)
Under Voltage Lockout(UVLO)
 Available in a DIP7 package.

APPLICATION
 non-isolated assistant power supply




Similar Part No. - AP8024B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AP8022 AITSEMI-AP8022 Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
AP8022A AITSEMI-AP8022A Datasheet
483Kb / 12P
PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH
REV1.0 - OCT 2020
AP8022P8U AITSEMI-AP8022P8U Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
AP8022P8VU AITSEMI-AP8022P8VU Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
AP8025 AITSEMI-AP8025 Datasheet
627Kb / 12P
NON-ISOLATED W/FIXED 5VOUT SYNCHRONOUS
REV1.0
More results


Similar Description - AP8024B

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com