Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856417 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856417
Description  1960 MHz SAW Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856417 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856417 Datasheet HTML 1Page - TriQuint Semiconductor 856417 Datasheet HTML 2Page - TriQuint Semiconductor 856417 Datasheet HTML 3Page - TriQuint Semiconductor 856417 Datasheet HTML 4Page - TriQuint Semiconductor 856417 Datasheet HTML 5Page - TriQuint Semiconductor 856417 Datasheet HTML 6Page - TriQuint Semiconductor 856417 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet
Part Number 856417
1960 MHz SAW Filter
Matching Schematics
50
Ω
Single-ended
Input
1,3,5
2
4
50
Ω
6
200
Ω
18nH
200
Ω
Balanced
Output
Marking
PCB Footprint
6
WWY
M
Date code
MFG site
ID dot
Marking
code
0.20
0.70
0.50
0.35
1.45
1.45
The date code consists of: WW = 2 digit week,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
A
A
Section A-A
0.25
1.09
1.83
1.83
Ø1.5
Ø1.0
4.0
4.0
2.0
8.0
3.5
1.75
8.8
ID dot
2.0
Direction of travel
Ø330
Ø20.2
Ø13.0
Ø102
2.7
Dimensions shown are nominal in millimeters
Packaging quantity: 10000 units/reel
Subject to change or obsolescence without notice
Rev C
08-Dec-2004
Page 6 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com