Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856417 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856417
Description  1960 MHz SAW Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856417 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856417 Datasheet HTML 1Page - TriQuint Semiconductor 856417 Datasheet HTML 2Page - TriQuint Semiconductor 856417 Datasheet HTML 3Page - TriQuint Semiconductor 856417 Datasheet HTML 4Page - TriQuint Semiconductor 856417 Datasheet HTML 5Page - TriQuint Semiconductor 856417 Datasheet HTML 6Page - TriQuint Semiconductor 856417 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
Part Number 856417
1960 MHz SAW Filter
Features
• For GSM-1900 applications
• Usable bandwidth of 60 MHz
• Compatible with leading chipset suppliers
• Ultra low loss
• Single-ended input, 50Ω
• Balanced output, 200Ω
• Chip Scale Package (CSP)
• Hermetic
Package
Pin Configuration
Surface Mount 1.50 x 1.50 x 0.76 mm
Bottom View
1
23
6
54
Pin No.
Description
2
Input
4,6
Output
1,3,5
Case ground
0.25
0.55
0.40
0.60
1.35
1.50
1.35
1.50
0.76 NOM.
0.84 MAX.
Dimensions shown are nominal in millimeters
All tolerances are
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar or Alloy 42, Au over Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Subject to change or obsolescence without notice
Rev C
08-Dec-2004
Page 1 of 7


Similar Part No. - 856417

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8564-4500JL 3M-8564-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
logo
TriQuint Semiconductor
856409 TRIQUINT-856409 Datasheet
566Kb / 7P
1842.5 MHz SAW Filter
logo
Weidmuller
8564290000 WEIDMULLER-8564290000 Datasheet
111Kb / 4P
Standard distributor with bus termination (active)
8564320000 WEIDMULLER-8564320000 Datasheet
106Kb / 4P
Standard distributor with bus termination (active)
8564330000 WEIDMULLER-8564330000 Datasheet
113Kb / 4P
Standard distributor
More results

Similar Description - 856417

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856080 TRIQUINT-856080 Datasheet
451Kb / 7P
1960 MHz SAW Filter
856104 TRIQUINT-856104 Datasheet
457Kb / 6P
1960 MHz SAW Filter
logo
RF Monolithics, Inc
SF2001E RFM-SF2001E Datasheet
656Kb / 5P
1960 MHz SAW Filter
SF2215E RFM-SF2215E Datasheet
945Kb / 5P
1960 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2001E MURATA-SF2001E Datasheet
656Kb / 5P
1960 MHz SAW Filter
SF2215E MURATA-SF2215E Datasheet
945Kb / 5P
1960 MHz SAW Filter
logo
TriQuint Semiconductor
855817 TRIQUINT-855817_15 Datasheet
1Mb / 6P
1960 MHz SAW Filter
855859 TRIQUINT-855859_15 Datasheet
545Kb / 6P
1960 MHz SAW Filter
856531 TRIQUINT-856531_15 Datasheet
422Kb / 5P
1960 MHz SAW Filter
857145 TRIQUINT-857145_15 Datasheet
415Kb / 6P
1960 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com