Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856417 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856417
Description  1960 MHz SAW Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856417 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856417 Datasheet HTML 1Page - TriQuint Semiconductor 856417 Datasheet HTML 2Page - TriQuint Semiconductor 856417 Datasheet HTML 3Page - TriQuint Semiconductor 856417 Datasheet HTML 4Page - TriQuint Semiconductor 856417 Datasheet HTML 5Page - TriQuint Semiconductor 856417 Datasheet HTML 6Page - TriQuint Semiconductor 856417 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet
Part Number 856417
1960 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
+25 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1960
-
MHz
Maximum Insertion Loss
1930 - 1990 MHz
-
1.5
2.1
dB
Absolute Attenuation
100 - 1830 MHz
1830 - 1902 MHz
1902 - 1910 MHz
2010 - 2030 MHz
2030 - 2070 MHz
2070 - 3000 MHz
3000 - 5790 MHz
5790 - 6000 MHz
25
10
7
5
10
16
30
35
35
17
10
6.5
15
18
40
40
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
Output Amplitude Balance (|S31/S21|)
1930 - 1990 MHz
-1.5
1.3
1.5
dB
Output Phase Balance [Φ(S31)-ΦS21+180]
1930 - 1990 MHz
-10
2
10
degree
Input/Output VSWR
1930 - 1990 MHz
-
2.0
2.5
-
Source Impedance (4)
-
50
-
Ω
Load Impedance (Balanced) (4)
-
200||18nH
-
Ω
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
50
Ω
Single-ended
Input
1,3,5
2
4
50
Ω
6
200
Ω
18nH
200
Ω
Balanced
Output
Subject to change or obsolescence without notice
Rev C
08-Dec-2004
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com