Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU2D15H-R47Y Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # PIU2D15H-R47Y
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU2D15H-R47Y Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  PIU2D15H-R47Y Datasheet HTML 1Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 2Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 3Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 4Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 5Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 6Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 7Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 8Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
PART NUMBER
L (uH)
DCR
(Ω) Typ.
IDC(A) Typ.
I rms(A) Typ.
L drop 10%
L drop 35%
PIU3D12-1R0Y
1.0
0.045
2.30
3.00
2.00
PIU3D12-1R2Y
1.2
0.048
2.20
2.80
1.90
PIU3D12-1R5Y
1.5
0.055
1.90
2.40
1.80
PIU3D12-1R8Y
1.8
0.073
1.80
2.30
1.75
PIU3D12-2R2Y
2.2
0.083
1.70
2.10
1.75
PIU3D12-2R7Y
2.7
0.109
1.40
1.70
1.44
PIU3D12-3R3Y
3.3
0.118
1.30
1.70
1.40
PIU3D12-3R9Y
3.9
0.143
1.26
1.60
1.30
PIU3D12-4R7Y
4.7
0.159
1.24
1.58
1.20
PIU3D12-5R6Y
5.6
0.213
1.00
1.30
1.00
PIU3D12-6R8Y
6.8
0.224
1.00
1.30
0.96
PIU3D12-8R2Y
8.2
0.252
0.92
1.14
0.94
PIU3D12-100M
10
0.327
0.86
1.06
0.90
PIU3D12-120M
12
0.363
0.80
0.98
0.82
PIU3D12-150M
15
0.516
0.60
0.80
0.64
PIU3D12-180M
18
0.625
0.56
0.76
0.60
PIU3D12-220M
22
0.732
0.46
0.64
0.52
PIU3D12-330M
33
1.165
0.42
0.50
0.42
Note1: Test Condition: 1kHz, 1V
Note2: Tolerance Y=M: ±20%, N±30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com