Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU2D15H-R47Y Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # PIU2D15H-R47Y
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU2D15H-R47Y Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  PIU2D15H-R47Y Datasheet HTML 1Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 2Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 3Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 4Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 5Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 6Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 7Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 8Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
●SHAPE AND DIMENSION
●SCHEMATICS AND LAND PATTERNS(mm)
TYPE
A
B
C
D
PIU5D12
5.30MAX
5.30MAX
1.20MAX
1.5REF.
PIU5D14
5.20MAX
5.20MAX
1.45MAX
1.5REF.
PIU5D18
5.20MAX
5.20MAX
1.80MAX
1.5REF.
PIU5D20
5.20MAX
5.20MAX
2.00MAX
1.5REF.
PIU5D25
5.20MAX
5.20MAX
2.50MAX
1.5REF.
Note1. Measurement ambient temperature of L, DCR and IDC : at 25°C
Note2. Isat: DC current at which the inductance drops 30% from its value without current
Note3. Irms: Average current for 40
℃ temperature rise from 25°C ambient
Note4. Inductance tolerance: M: ±20%
Note5. This specification might be changed without notice due to under developing and improving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com