Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU2D15H-R47Y Datasheet(PDF) 11 Page - AiT Semiconductor Inc.

Part # PIU2D15H-R47Y
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU2D15H-R47Y Datasheet(HTML) 11 Page - AiT Semiconductor Inc.

Back Button PIU2D15H-R47Y Datasheet HTML 6Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 7Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 8Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 9Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 10Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 11Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 12Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 13Page - AiT Semiconductor Inc. PIU2D15H-R47Y Datasheet HTML 14Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
PART NUMBER
L
(uH)
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
PIU5D18-R47M
0.47±20%
0.0201
4.63
3.58
PIU5D18-R82M
0.82±20%
0.0247
3.60
3.24
PIU5D18-1R2M
1.2±20%
0.0294
2.95
2.97
PIU5D18-1R5M
1.5±20%
0.0345
2.49
2.73
PIU5D18-2R2M
2.2±20%
0.0398
2.16
2.55
PIU5D18-3R3M
3.3±20%
0.0605
1.71
2.07
PIU5D18-4R7M
4.7±20%
0.0824
1.54
1.77
PIU5D18-6R2M
6.2±20%
0.1000
1.30
1.61
PIU5D18-8R2M
8.2±20%
0.1351
1.12
1.38
PIU5D18-100M
10±20%
0.1584
0.982
1.28
PIU5D18-150M
15±20%
0.2278
0.831
1.06
PIU5D18-220M
22±20%
0.3366
0.689
0.876
PIU5D18-330M
33±20%
0.5057
0.568
0.715
PIU5D18-470M
47±20%
0.7732
0.470
0.578
PIU5D18-680M
68±20%
0.9798
0.390
0.514
PIU5D18-820M
82±20%
1.30
0.356
0.446
PIU5D18-101M
100±20%
1.47
0.321
0.419
PIU5D18-151M
150±20%
2.18
0.263
0.345
PIU5D18-221M
220±20%
2.95
0.217
0.296
PIU5D18-331M
330±20%
4.20
0.177
0.248
PIU5D18-471M
470±20%
6.39
0.148
0.201
PIU5D18-681M
680±20%
9.28
0.124
0.167
PIU5D18-821M
820±20%
12.35
0.113
0.145
PIU5D18-102M
1000±20%
14.01
0.102
0.136
Note: Measurement frequency of Inductance value : at 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com