Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU5D14-R58M Datasheet(PDF) 6 Page - AiT Semiconductor Inc.

Part # PIU5D14-R58M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D14-R58M Datasheet(HTML) 6 Page - AiT Semiconductor Inc.

Back Button PIU5D14-R58M Datasheet HTML 2Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 3Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 4Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 5Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 9Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 10Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
PART NUMBER
L (uH)
DCR
(Ω) Typ.
IDC(A) Typ.
I rms(A) Typ.
L drop 10%
L drop 35%
PIU3D18-1R0Y
1.0
0.038
2.60
3.20
2.40
PIU3D18-1R2Y
1.2
0.044
2.40
3.00
2.20
PIU3D18-1R5Y
1.5
0.050
2.20
2.70
2.20
PIU3D18-1R8Y
1.8
0.045
1.90
2.40
2.00
PIU3D18-2R2Y
2.2
0.062
1.80
2.20
1.90
PIU3D18-2R7Y
2.7
0.068
1.70
2.10
1.80
PIU3D18-3R3Y
3.3
0.080
1.50
1.88
1.65
PIU3D18-3R9Y
3.9
0.084
1.40
1.80
1.56
PIU3D18-4R7Y
4.7
0.099
1.22
1.46
1.40
PIU3D18-5R6Y
5.6
0.110
1.16
1.48
1.30
PIU3D18-6R8Y
6.8
0.128
1.02
1.26
1.20
PIU3D18-8R2Y
8.2
0.146
1.000
1.24
1.15
PIU3D18-100M
10
0.165
0.90
1.10
1.05
PIU3D18-120M
12
0.254
0.84
1.00
0.80
PIU3D18-150M
15
0.320
0.74
0.88
0.72
PIU3D18-180M
18
0.360
0.70
0.84
0.68
PIU3D18-220M
22
0.418
0.60
0.74
0.65
PIU3D18-270M
27
0.450
0.56
0.70
0.60
PIU3D18-330M
33
0.620
0.46
0.58
0.58
PIU3D18-390M
39
0.650
0.45
0.56
0.48
PIU3D18-470M
47
0.790
0.43
0.52
0.45
PIU3D18-560M
56
0.862
0.38
0.48
0.40
PIU3D18-680M
68
1.000
0.30
0.40
0.36
PIU3D18-101M
100
1.380
0.26
0.32
0.36
Note1: Test Condition: 1kHz, 1V
Note2: Tolerance Y=M: ±20%, N±30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com