Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU5D14-R58M Datasheet(PDF) 10 Page - AiT Semiconductor Inc.

Part # PIU5D14-R58M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D14-R58M Datasheet(HTML) 10 Page - AiT Semiconductor Inc.

Back Button PIU5D14-R58M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 9Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 10Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 11Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 12Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 13Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 14Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
PART NUMBER
L
(uH)
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
PIU5D14-R58M
0.58±20%
0.0220
4.84
3.52
PIU5D14-R87M
0.87±20%
0.0243
3.96
3.20
PIU5D14-1R2M
1.2±20%
0.0344
3.35
2.70
PIU5D14-1R5M
1.5±20%
0.0390
2.91
2.53
PIU5D14-2R0M
2.0±20%
0.0445
2.56
2.37
PIU5D14-2R5M
2.5±20%
0.0595
2.29
2.05
PIU5D14-3R2M
3.2±20%
0.0663
2.08
1.94
PIU5D14-4R5M
4.5±20%
0.0935
1.74
1.64
PIU5D14-6R9M
6.9±20%
0.1363
1.41
1.35
PIU5D14-8R8M
8.8±20%
0.1913
1.25
1.14
PIU5D14-100M
10±20%
0.2058
1.18
1.10
PIU5D14-150M
15±20%
0.2609
0.969
0.98
PIU5D14-220M
22±20%
0.3853
0.793
0.806
PIU5D14-330M
33±20%
0.5852
0.651
0.654
PIU5D14-470M
47±20%
0.9055
0.538
0.525
PIU5D14-680M
68±20%
1.11
0.449
0.474
PIU5D14-820M
82±20%
1.50
0.407
0.408
PIU5D14-101M
100±20%
1.68
0.373
0.386
PIU5D14-151M
150±20%
2.52
0.301
0.315
PIU5D14-221M
220±20%
3.77
0.249
0.258
PIU5D14-331M
330±20%
5.92
0.203
0.206
PIU5D14-471M
470±20%
8.34
0.171
0.173
PIU5D14-681M
680±20%
10.3
0.142
0.156
PIU5D14-821M
820±20%
13.9
0.129
0.134
PIU5D14-102M
1000±20%
15.8
0.117
0.126
Note: Measurement frequency of Inductance value : at 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com