Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU5D14-R58M Datasheet(PDF) 13 Page - AiT Semiconductor Inc.

Part # PIU5D14-R58M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D14-R58M Datasheet(HTML) 13 Page - AiT Semiconductor Inc.

Back Button PIU5D14-R58M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 9Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 10Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 11Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 12Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 13Page - AiT Semiconductor Inc. PIU5D14-R58M Datasheet HTML 14Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
PART NUMBER
L
(uH)
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
PIU5D25-R47M
0.47±20%
0.0177
6.00
3.88
PIU5D25-R82M
0.82±20%
0.0208
4.67
3.58
PIU5D25-1R2M
1.2±20%
0.0240
3.81
3.33
PIU5D25-1R5M
1.5±20%
0.0274
3.23
3.12
PIU5D25-2R2M
2.2±20%
0.0311
2.80
2.93
PIU5D25-3R3M
3.3±20%
0.0384
2.21
2.64
PIU5D25-4R7M
4.7±20%
0.0467
1.83
2.39
PIU5D25-6R8M
6.8±20%
0.0556
1.56
2.19
PIU5D25-8R2M
8.2±20%
0.0724
1.45
1.92
PIU5D25-100M
10±20%
0.0824
1.27
1.80
PIU5D25-150M
15±20%
0.0956
1.08
1.67
PIU5D25-220M
22±20%
0.1478
0.857
1.34
PIU5D25-330M
33±20%
0.2149
0.711
1.11
PIU5D25-470M
47±20%
0.3156
0.592
0.919
PIU5D25-680M
68±20%
0.4850
0.482
0.741
PIU5D25-820M
82±20%
0.5242
0.441
0.713
PIU5D25-101M
100±20%
0.5937
0.398
0.670
PIU5D25-151M
150±20%
0.8723
0.328
0.553
PIU5D25-221M
220±20%
1.34
0.268
0.446
PIU5D25-331M
330±20%
2.07
0.219
0.359
PIU5D25-471M
470±20%
3.10
0.184
0.293
PIU5D25-681M
680±20%
3.88
0.154
0.262
PIU5D25-821M
820±20%
5.04
0.139
0.230
PIU5D25-102M
1000±20%
5.70
0.126
0.216
Note: Measurement frequency of Inductance value : at 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com