Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V52-E/MS Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP6V52-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52-E/MS Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP6V52-E/MS Datasheet HTML 21Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 22Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 23Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 24Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 26Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 27Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 28Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006136B-page 25
MCP6V51/2/4
4.3.6
CAPACITIVE LOADS
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. These zero-drift op amps have a different
output impedance compared to standard linear
op amps, due to their unique topology.
When driving a capacitive load with these op amps, a
Series Resistor at the output (RISO in Figure 4-9)
improves the feedback loop’s phase margin (stability)
by making the output load resistive at higher frequen-
cies. The bandwidth will be generally lower than the
bandwidth with no capacitive load.
Figure 4-8 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
Load Capacitance (CL). The y-axis is the Resistance
(RISO).
GN is the circuit’s Noise Gain. For noninverting gains,
GN and the Signal Gain are equal. For inverting gains,
GN is 1+|Signal Gain| (e.g., -1 V/V gives GN = +2 V/V).
FIGURE 4-8:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double check the
resulting frequency response peaking and step
response overshoot. Modify the RISO value until the
response is reasonable. Bench evaluation is helpful.
4.3.7
STABILIZING OUTPUT LOADS
This family of zero-drift op amps has an output
impedance (Figure 2-28 and Figure 2-29) that has a
double zero when the gain is low. This can cause a
large phase shift in feedback networks that have low-
impedance near the part’s crossover frequency. This
phase shift can cause stability problems.
Figure 4-9 shows that the load on the output is
(RL + RISO)||(RF + RG), where RISO is before the load.
This load needs to be large enough to maintain
stability; it is recommended to design for a total load of
10 kΩ, or higher.
FIGURE 4-9:
Output Resistor, RISO,
Stabilizes Capacitive Loads.
4.3.8
GAIN PEAKING
Figure 4-10 shows an op amp circuit that represents
noninverting amplifiers (VM is a DC voltage and VP is
the input) or inverting amplifiers (VP is a DC voltage
and VM is the input). The CN and CG capacitances
represent the total capacitance at the input pins; they
include the op amp’s Common-Mode Input Capaci-
tance (CCM), board parasitic capacitance and any
capacitor placed in parallel. The CFP capacitance
represents the parasitic capacitance coupling between
the output and the noninverting input pins.
FIGURE 4-10:
Amplifier with Parasitic
Capacitance.
CG acts in parallel with RG (except for a gain of +1 V/V),
which causes an increase in gain at high frequencies.
CG also reduces the phase margin of the feedback
loop, which becomes less stable. This effect can be
reduced by either reducing CG or RF||RG.
CN and RN form a low-pass filter that affects the signal
at VP. This filter has a single real pole at 1/(2πRNCN).
The largest value of RF that should be used depends
on the noise gain (see GN in Section 4.3.6
“Capacitive Loads”), CG and the open-loop gain’s
phase shift. An approximate limit for RF is shown in
Equation 4-4.
EQUATION 4-4:
1
10
100
1000
Normalized Load Capacitance; C
L/ GN (F)
G
N:
1 V/V
10 V/V
100 V/V
V
DD = 45 V
R
L = 10 k
10p
100p
1n
10n
100n
1μ
RG
RF
VOUT
U1
MCP6V5X
RL
CL
–
+
RISO
RG
RF
VOUT
U1
MCP6V5X
CG
RN
CN
VM
VP
CFP
+
–
RF 10 k
3.5 pF
CG
--------------- GN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com