Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V52-E/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6V52-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52-E/MS Datasheet(HTML) 4 Page - Microchip Technology

  MCP6V52-E/MS Datasheet HTML 1Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 2Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 3Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 4Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 5Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MCP6V51/2/4
DS20006136B-page 4
2018-2022 Microchip Technology Inc. and its subsidiaries
Input Bias Current and Impedance
Input Bias Current
IB
-250
±60
+250
pA
VDD = 45V
Input Bias Current across
Temperature
IB
—
±80
—
pA
TA = +85°C
IB
-4
±1.4
+4
nA
TA = +125°C (Note 1)
Input Offset Current
IOS
-1
±0.28
+1
nA
VDD = 45V
Input Offset Current across
Temperature
IOS
—
±0.32
—
nA
TA = +85°C
IOS
-8
±0.45
+8
nA
TA = +125°C (Note 1)
Common-Mode Input Impedance
ZCM
—
120G||3
—
Ω||pF
Differential Input Impedance
ZDIFF
—
2.5M||5.2
—
Ω||pF
Common-Mode
Common-Mode
Input Voltage Range Low
VCML
—
—
VSS – 0.3
V
Note 2
Common-Mode
Input Voltage Range High
VCMH VDD – 2.1
—
—
V
Note 2
Common-Mode Rejection Ratio
CMRR
110
125
—
dB
VDD = 4.5V,
VCM = -0.3V to 2.4V
(Note 2)
106
116
—
dB
VDD = 4.5V,
TA = -40°C to +125°C
(Note 1)
CMRR
135
150
—
dB
VDD = 45V,
VCM = -0.3V to 42.9V
(Note 2)
128
140
—
dB
VDD = 45V,
TA = -40°C to +125°C
(Note 1)
Open-Loop Gain
DC Open-Loop Gain
AOL
124
142
—
dB
VDD = 4.5V,
VOUT = 0.3V to 4.2V
120
139
—
dB
VDD = 4.5V,
TA = -40°C to +125°C
(Note 1)
AOL
140
164
—
dB
VDD = 45V,
VOUT = 0.3V to 44.7V
134
160
—
dB
VDD = 45V,
TA = -40°C to +125°C
(Note 1)
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +4.5V to +45V, VSS = GND,
VCM = VDD/3, VOUT = VDD/2, VL = VDD/2, RL = 10 kΩ to VL and CL = 100 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Not production tested. Limits set by characterization and/or simulation and provided as design guidance
only.
2: Figure 2-17 shows how VCML and VCMH changed across temperature for the first production lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com