Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V52-E/MS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6V52-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52-E/MS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6V52-E/MS Datasheet HTML 2Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 3Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 4Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 5Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 9Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
MCP6V51/2/4
DS20006136B-page 6
2018-2022 Microchip Technology Inc. and its subsidiaries
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +4.5V to +45V, VSS = GND,
VCM = VDD/3, VOUT = VDD/2, VL = VDD/2, RL = 10 kΩ to VL and CL = 100 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min. Typ. Max. Units
Conditions
Amplifier AC Response
Gain Bandwidth Product
GBWP
—
1.8
—
MHz VDD = 4.5V, VIN = 10 mVpp, Gain = 100
—
2
—
MHz VDD = 45V, VIN = 10 mVpp, Gain = 100
Slew Rate
SR
—
1.2
—
V/µs
See Figure 2-45
Phase Margin
PM
—
66
—
deg.
VDD = 45V
Amplifier Noise Response
Input Noise Voltage
Eni
—
0.1
—
µVP-P f = 0.01 Hz to 1 Hz
Eni
—
0.21
—
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—
10.2
—
nV/√Hz f = 1 kHz
Input Noise Current Density
ini
—
4
—
fA/√Hz
Amplifier Step Response
Start-Up Time
tSTR
—
200
—
µs
G = +1, 1% VOUT settling (Note 1)
Offset Correction Settling Time
tSTL
—
45
—
µs
G = +1, VIN step of 2V,
VOS within ±100 µV of its final value
Output Overdrive Recovery Time
tODR
—
65
—
µs
G = -10, ±0.5V input overdrive to VDD/2,
VIN 50% point to VOUT 90% point (Note 2)
EMI Protection
EMI Rejection Ratio
EMIRR
—
80
—
dB
VIN = 0.1 VPK, f = 400 MHz, VDD = 45V
—
95
—
VIN = 0.1 VPK, f = 900 MHz, VDD = 45V
—
108
—
VIN = 0.1 VPK, f = 1800 MHz, VDD = 45V
—
109
—
VIN = 0.1 VPK, f = 2400 MHz, VDD = 45V
—
109
—
VIN = 0.1 VPK, f = 5600 MHz, VDD = 45V
Note 1: Behavior may vary with different gains; see Section 4.3.3 “Offset at Power-up”.
2: tSTL and tODR include some uncertainty due to clock edge timing.
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +4.5V to +45V, VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8-Lead MSOP
JA
—
206
—
°C/W
Thermal Resistance, 5-Lead SOT-23
JA
—
115
—
°C/W
Thermal Resistance, 8-Lead SOIC
JA
—
150
—
°C/W
Thermal Resistance, 14-Lead SOIC
JA
—
91
—
°C/W
Note 1: Operation must not cause TJ to exceed Maximum Junction Temperature specification (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com