Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6374AF Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC6374AF
Description  PC Card ATA to SD Memory Card, MultiMediaCard and SmartMedia-TM Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6374AF Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC6374AF Datasheet HTML 9Page - Toshiba Semiconductor TC6374AF Datasheet HTML 10Page - Toshiba Semiconductor TC6374AF Datasheet HTML 11Page - Toshiba Semiconductor TC6374AF Datasheet HTML 12Page - Toshiba Semiconductor TC6374AF Datasheet HTML 13Page - Toshiba Semiconductor TC6374AF Datasheet HTML 14Page - Toshiba Semiconductor TC6374AF Datasheet HTML 15Page - Toshiba Semiconductor TC6374AF Datasheet HTML 16Page - Toshiba Semiconductor TC6374AF Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
TC6374AF Hardware Datasheet
Rev. 1.22
02/2/15
TOTAL 125
PAGE NO. 13
6-3. SD memory card/ MultiMediaCard/ SmartMedia™/ NOR flash memory interface 1
Pin name
Pin number
I/O
Pin function
Functional description
FD7 - FD4
112-109
B
MEDIA DATA
BUS
The terminal is prepared to connect with media data bus. If clock is stabled
after resetting and NOR flash memory is re-written, it takes the upper position
of NOR flash memory data bus. In other modes, it takes the upper position of
address/data common bus to SmartMedia™. Address and data (including
command) are discriminated by FALE and FCLE. The terminal is set to Hi-Z
when #CD=“H”(media non-inserted).
FD3 - FD0
127-124
B
MEDIA DATA
BUS
The terminal is prepared to connect with media data bus. If clock is stabled
after resetting and NOR flash memory is re-written, it takes the lower position
of NOR flash memory data bus. In other modes, it takes the lower position of
address/data common bus to SmartMedia™. Address and data (including
command) are discriminated by FALE and FCLE. When SD Memory Card is
used, it is used as 4 bit data bus. If MultiMediaCard is used and SD Memory
Card is in the 1 bit mode, FD0 only is used. It is set to Hi-Z when #CD=
“H”(media non-inserted).
#FCE
106
O
SmartMedia™
CHIP ENABLE
The terminal indicates the chip enable output signal of SmartMedia™. If
#CD=“H”(media not-inserted), it indicates Hi-Z.
FCLE/MMC
LK
103
O
SmartMedia™
COMMAND
LATCH
ENABLE/SD
Memory Card
&
MultiMediaCar
d CLOCK
The terminal indicates, if SmartMedia™ is used, the command latch enable
output signal to SmartMedia™. If command is outputted to FD bus, it
outputs ”H”. If SD Memory Card and MultiMediaCard are used, it indicates
250KHz, 2MHz, 8MHz and16MHz clock output signal to SD Memory Card and
MultiMediaCard. Clock output frequency is determined by the maximum
operation frequency of media. It is set to “L” when #CD=“H”(media
not-inserted).
FALE
104
O
SmartMedia™
ADDRESS
LATCH
ENABLE
Indicates address latch enable output signal to SmartMedia™. Outputs “H” if
address is outputted to FD bus. The terminal is set to “L” if #CD=“H”(media
not-inserted).
#FRE
107
O
SmartMedia™
READ
ENABLE
Indicates read enable output signal to SmartMedia™. Outputs “L” if address is
outputted to FD bus. The terminal is set to “Hi-Z” if #CD=“H”(media
not-inserted).
#FWE/MM
CMD
116
B
SmartMedia™
WRITE
ENABLE/SD
Memory Card
&
MultiMediaCar
d COMMAND
Indicates the write enable output signal to SmartMedia™ if used. Outputs “L”
if written to FD bus. If SD Memory Card and MultiMediaCard are used, it
becomes command/response input/output signal from/to SD Memory Card
and MultiMediaCard. The terminal is set to Hi-Z when #CD=“H” (media not
inserted).
#FBSY
105
I
SmartMedia™
BUSY
Indicates ready/busy input signal from SmartMedia™. Indicates the busy if ”0”
is inputted, or the ready if ”1” is inputted. Connects with the terminal via pull-up
resistor from SmartMedia™ ready/busy output.
#FWP
117
O
SmartMedia™
WRITE
PROTECT
Indicates write protect output signal to SmartMedia™. Write protection is
enabled except for the time when SmartMedia™ is accessed. The terminal is
set to “L” if #CD= “H”(media not inserted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com