Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6374AF Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC6374AF
Description  PC Card ATA to SD Memory Card, MultiMediaCard and SmartMedia-TM Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6374AF Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC6374AF Datasheet HTML 17Page - Toshiba Semiconductor TC6374AF Datasheet HTML 18Page - Toshiba Semiconductor TC6374AF Datasheet HTML 19Page - Toshiba Semiconductor TC6374AF Datasheet HTML 20Page - Toshiba Semiconductor TC6374AF Datasheet HTML 21Page - Toshiba Semiconductor TC6374AF Datasheet HTML 22Page - Toshiba Semiconductor TC6374AF Datasheet HTML 23Page - Toshiba Semiconductor TC6374AF Datasheet HTML 24Page - Toshiba Semiconductor TC6374AF Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 125 page
background image
TC6374AF Hardware Datasheet
Rev. 1.22
02/2/15
TOTAL 125
PAGE NO. 21
7-4-2. Common Memory space
7-4-2-1. Common Memory read operation
During Common Memory Read Cycle, set #REG and #WE to inactive “1”, and #OE to active “0”.
Function Mode
#REG
#CE2
#CE1
A0
#OE
#WE
D15 - D8
D7 - D0
Standby Mode
*
1
1
*
*
*
Hi-Z
Hi-Z
1
1
0
0
0
1
Hi-Z
Even byte
Byte Access (8 Bits)
1
1
0
1
0
1
Hi-Z
Odd byte
Word Access (16 Bits)
1
0
0
*
0
1
Odd byte
Even byte
Odd Byte Only Access
1
0
1
*
0
1
Odd byte
Hi-Z
7-4-2-2. Common Memory write operation
During Common Memory Write Cycle, set #REG and #OE to inactive “1”, and #WE to active “0”.
Function Mode
#REG
#CE2
#CE1
A0
#OE
#WE
D15 - D8
D7 - D0
Standby Mode
*
1
1
*
*
*
*
*
1
1
0
0
1
0
*
Even byte
Byte Access (8 Bits)
1
1
0
1
1
0
*
Odd byte
Word Access (16 Bits)
1
0
0
*
1
0
Odd byte
Even byte
Odd Byte Only Access
1
0
1
*
1
0
Odd byte
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com