Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6374AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC6374AF
Description  PC Card ATA to SD Memory Card, MultiMediaCard and SmartMedia-TM Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6374AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC6374AF Datasheet HTML 1Page - Toshiba Semiconductor TC6374AF Datasheet HTML 2Page - Toshiba Semiconductor TC6374AF Datasheet HTML 3Page - Toshiba Semiconductor TC6374AF Datasheet HTML 4Page - Toshiba Semiconductor TC6374AF Datasheet HTML 5Page - Toshiba Semiconductor TC6374AF Datasheet HTML 6Page - Toshiba Semiconductor TC6374AF Datasheet HTML 7Page - Toshiba Semiconductor TC6374AF Datasheet HTML 8Page - Toshiba Semiconductor TC6374AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 125 page
background image
TC6374AF Hardware Datasheet
Rev. 1.22
02/2/15
TOTAL 125
PAGE NO. 2
Supports Wear Leveling function
Supports Write protect function
Supports ECCfunction (1 bit error correction / 2 bit error detect)
Supports Unique ID Read
・ Controller firmware
Installed on NORtype flash memory
Supports Firmware Update
Supply Firmware Object
Licence free
・ Operation Voltage
Host Interface:
3.3V / 5V
Media Interface:
3.3V
Internal:
3.3V
・ Package
Can be installed in PC Card Type II
128-pin LQFP (Lead pitch: 0.4 mm)
3. Notes on Usage
#1, Take a note on the information listed in the solid line frame at the bottom of this page.
#2, Be sure to refer to the specification: “6-7. Notes on 3in1 PC Card ATA adapter”.
#3, In the system design, refer to the attached document: “Description on TC6374AF reference design
(reference circuit diagram and information sheet)”. These reference documents are updated time by time,
therefore be sure to check the latest information by inquiry.
#4, SmartMedia™ is a registered trademark of Toshiba.
#5, Microsoft and Windows are a registered trademark of Microsoft Corporation in the United States and
other countries.
Copyright© 1995 Microsoft Corporation. All Rights Reserved.
Portion Copyright© 1995 Microsoft Corporation
#6, In addition, system and product names referred to in this document are generally a registered trade mark
or trade mark of respective developer or maker. Note that, in this document, marks such as ™ or
® may
be omitted.
This data sheet is an interrim version arranging the target specification of products.
Note that the specificvation may be modified as necessary in the convenience of developmemt.
Copying by user is strictry prohibited in view of the confidentiality control.
If additional copies are required, contact with us so that we will prepare them by ourselves.
If the board design is based on this data sheet, contact with the Marketing staff in advance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com