Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5113PL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS5113PL
Description  MOSFET ??Power, Single P-Channel -60 V, 14 m, -64 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5113PL Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS5113PL Datasheet HTML 1Page - ON Semiconductor NVMFS5113PL Datasheet HTML 2Page - ON Semiconductor NVMFS5113PL Datasheet HTML 3Page - ON Semiconductor NVMFS5113PL Datasheet HTML 4Page - ON Semiconductor NVMFS5113PL Datasheet HTML 5Page - ON Semiconductor NVMFS5113PL Datasheet HTML 6Page - ON Semiconductor NVMFS5113PL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NVMFS5113PL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
100
1000
10000
100000
10
20
30
40
50
60
0.60
0.90
1.20
1.50
1.80
2.10
−50 −25
0
25
50
75
100 125 150 175
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
0
1020
3040
50
60
708090 100
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
12
34
56
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.0
1.0
2.0
3.0
4.0
5.0
Figure 1. On−Region Characteristics
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−6 V to −10 V
−4.0 V
VGS = −2.8 V
VDS = −10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (V)
ID = −17 A
TJ = 25°C
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−ID, DRAIN CURRENT (A)
VGS = −4.5 V
TJ = 25°C
VGS = −10 V
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
VGS = −10 V
ID = −17 A
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 125°C
TJ = 150°C
VGS = 0 V
−3.6 V
−3.2 V
TJ = 25°C
0.010
0.012
0.014
0.016
0.018
0.020
4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0
1.00
1.30
1.60
1.90
2.00
1.70
1.40
1.10
0.70
0.80



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com