| Manufacturer | Part # | Datasheet | Description |
 Unisonic Technologies |
UTT25P06
|
150Kb / 3P |
-60 V, -27.5 A P-CHANNEL POWER MOSFET
|
 Renesas Technology Corp |
UPA2736GR
|
205Kb / 8P |
P-channel MOSFET -30 V, -14 A, 7.0 m
|
 ON Semiconductor |
NVTFS5C478NL
|
208Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2 |
|
NTMFS6H848N
|
185Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 9.4 m, 64 A
June, 2020-Rev. 2 |
|
NTMFS5113PL
|
187Kb / 7P |
Power MOSFET ??0 V, 14 m, ??4 A, Single P?묬hannel
October, 2018-Rev. 0 |
|
NTTFS5C478NL
|
207Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2 |
|
NVTFS9D6P04M8L
|
226Kb / 7P |
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -64 A
May, 2020 ??Rev. 4 |
|
NVMFS6H848N
|
188Kb / 8P |
MOSFET - Power, Single N-Channel 80 V, 9.4 m, 64 A
June, 2020 ??Rev. 2 |
|
NVMFS016N10MCL
|
152Kb / 8P |
MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A
September, 2021-Rev. 1 |
|
NVTFS6H850NL
|
195Kb / 7P |
Power MOSFET 80 V, 8.6 m, 64 A, Single N-Channel
February, 2019 - Rev. 0 |