Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5113PL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS5113PL
Description  MOSFET ??Power, Single P-Channel -60 V, 14 m, -64 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5113PL Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS5113PL Datasheet HTML 1Page - ON Semiconductor NVMFS5113PL Datasheet HTML 2Page - ON Semiconductor NVMFS5113PL Datasheet HTML 3Page - ON Semiconductor NVMFS5113PL Datasheet HTML 4Page - ON Semiconductor NVMFS5113PL Datasheet HTML 5Page - ON Semiconductor NVMFS5113PL Datasheet HTML 6Page - ON Semiconductor NVMFS5113PL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2019 − Rev. 3
1
Publication Order Number:
NVMFS5113PL/D
NVMFS5113PL
MOSFET – Power, Single
P-Channel
-60 V, 14 mW, -64 A
Features
• Low RDS(on) to Minimize Conduction Losses
• High Current Capability
• Avalanche Energy Specified
• NVMFS5113PLWF − Wettable Flanks Product
• NVM Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−60
V
Gate−to−Source Voltage
VGS
"20
V
Continuous Drain Cur-
rent RqJC (Notes 1, 2, 3)
Steady
State
TC = 25°C
ID
−64
A
TC = 100°C
−45
Power Dissipation RqJC
(Notes 1, 2)
TC = 25°C
PD
150
W
TC = 100°C
75
Continuous Drain Cur-
rent RqJA (Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
−10
A
TA = 100°C
−7
Power Dissipation RqJA
(Notes 1, 2)
TA = 25°C
PD
3.8
W
TA = 100°C
1.9
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
−415
A
Operating Junction and Storage Temperature
TJ, Tstg
−55 to
175
°C
Source Current (Body Diode)
IS
−150
A
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL(pk) = 46 A, L = 0.3 mH, RG = 25 W)
EAS
315
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State (Drain)
(Note 2)
RqJC
1.0
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
39
°C/W
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Continuous DC current rating. Maximum current for pulses as long as
1 second is higher but is dependent on pulse duration and duty cycle.
−60 V
14 mW @ −10 V
RDS(on)
−64 A
ID
V(BR)DSS
22 mW @ −4.5 V
www.onsemi.com
P−Channel
D (5, 6)
S (1, 2, 3)
G (4)
DFN5
CASE 488AA
STYLE 1
MARKING
DIAGRAM
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
XXXXXX
AYWZZ
S
S
S
G
D
D
D
D
See detailed ordering, marking and shipping information on
page 5 of this data sheet.
ORDERING INFORMATION
1


Similar Part No. - NVMFS5113PL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5113PL ONSEMI-NVMFS5113PL Datasheet
90Kb / 6P
Power MOSFET
November, 2015 ??Rev. 3
logo
TECH PUBLIC Electronics...
NVMFS5113PLT1G-TP TECHPUBLIC-NVMFS5113PLT1G-TP Datasheet
2Mb / 5P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NVMFS5113PL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT25P06 UTC-UTT25P06 Datasheet
150Kb / 3P
-60 V, -27.5 A P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR Datasheet
205Kb / 8P
P-channel MOSFET -30 V, -14 A, 7.0 m
logo
ON Semiconductor
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMFS6H848N ONSEMI-NTMFS6H848N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 9.4 m, 64 A
June, 2020-Rev. 2
NTMFS5113PL ONSEMI-NTMFS5113PL Datasheet
187Kb / 7P
Power MOSFET ??0 V, 14 m, ??4 A, Single P?묬hannel
October, 2018-Rev. 0
NTTFS5C478NL ONSEMI-NTTFS5C478NL Datasheet
207Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NVTFS9D6P04M8L ONSEMI-NVTFS9D6P04M8L Datasheet
226Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -64 A
May, 2020 ??Rev. 4
NVMFS6H848N ONSEMI-NVMFS6H848N Datasheet
188Kb / 8P
MOSFET - Power, Single N-Channel 80 V, 9.4 m, 64 A
June, 2020 ??Rev. 2
NVMFS016N10MCL ONSEMI-NVMFS016N10MCL Datasheet
152Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A
September, 2021-Rev. 1
NVTFS6H850NL ONSEMI-NVTFS6H850NL Datasheet
195Kb / 7P
Power MOSFET 80 V, 8.6 m, 64 A, Single N-Channel
February, 2019 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com