Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLJS050N12MCLLTAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # STLJS050N12MCLLTAG
Description  MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 50.6 m, 4.5 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STLJS050N12MCLLTAG Datasheet(HTML) 4 Page - ON Semiconductor

  STLJS050N12MCLLTAG Datasheet HTML 1Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 2Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 3Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 4Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 5Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 6Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STLJS050N12MCLL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Gate−to−Source Voltage vs. Total
Charge
Figure 8. Capacitance vs. Drain−to−Source
Voltage
Qg, GATE CHARGE (nC)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 9. Unclamped Inductive Switching
Capability
Figure 10. Maximum Continuous Drain
Current vs. Ambient Temperature
tAV, TIME IN AVALANCHE (ms)
TA, AMBIENT TEMPERATURE (°C)
Figure 11. Safe Operating Area
Figure 12. Single Pulse Maximum Power
Dissipation
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
t, PULSE WIDTH (sec)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
RqJA = 60°C/W
RDS(on) Limit
Thermal Limit
Package Limit
1 ms
10 ms
0
2
4
10
02
4
0.1
10
100
1000
040
1
5
0.001
1
0
3
25
50
75
150
100
1
10
100
0.01
10
0.1
1
0.001
0.1
1
10K
0.00001
10
1000
0.001
6
10
80
120
100
125
1000
10 ms
DC
VGS = 10 V
0.01
10
8
8
6
VDD = 30 V
VDD = 90 V
VDD = 60 V
0.1
TJ = 150°C
TJ = 25°C
TJ = 125°C
1
2
VGS = 4.5 V
0.1
Single Pulse
RqJA = 200°C/W
TA = 25°C
0.01
100
1
100
1K
0.1
0.01
100 ms
100 ms
1 s
10 s
This area is
limited by
RDS(on)
Single Pulse
TJ = Max Rated
RqJA = 200°C/W
TA = 25°C
ID = 5 A
20
60
100
1
5
4
VGS = 2.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com