Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLJS050N12MCLLTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # STLJS050N12MCLLTAG
Description  MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 50.6 m, 4.5 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STLJS050N12MCLLTAG Datasheet(HTML) 2 Page - ON Semiconductor

  STLJS050N12MCLLTAG Datasheet HTML 1Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 2Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 3Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 4Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 5Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 6Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STLJS050N12MCLL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
120
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = 250 mA, referenced to 25°C
39
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 96 V, TJ = 25°C
1.0
mA
Gate−to−Source Leakage Current
IGSS
VGS = ±12 V, VDS = 0 V
±100
nA
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 29 mA
0.5
1.0
1.5
V
Gate Threshold Temperature Coefficient
VGS(TH)/TJ
VGS = VDS, ID = 29 mA,
referenced to 25°C
−4.61
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 5 A, TJ = 25°C
43.6
50.6
mW
VGS = 4.5 V, ID = 4 A, TJ = 25°C
52.5
70
mW
VGS = 2.5 V, ID = 1.5 A, TJ = 25°C
73
175
mW
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz
VDS = 60 V
552
pF
Output Capacitance
COSS
184
Reverse Transfer Capacitance
CRSS
1.5
Gate−Resistance
RG
1.1
3.0
W
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 60 V, ID = 5 A
8.8
nC
4.5 V Gate Charge
QG(4.5V)
4.1
2.5 V Gate Charge
QG(2.5V)
2.3
Gate−to−Source Charge
QGS
1.1
Gate−to−Drain Charge
QGD
0.8
Output Charge
QOSS
VGS = 0 V, VDD = 60 V
16
nC
Total Gate Charge Sync
QSYNC
VDS = 0 V, VGS = 0 ~ 10 V
8.3
nC
RESISTIVE SWITCHING CHARACTERISTICS (Note 7)
Turn−On Delay Time
td(on)
VGS = 10 V, VDS = 60 V,
ID = 5 A, RG = 6 W
3.4
ns
Rise Time
tr
2.8
Turn−Off Delay Time
td(off)
20.3
Fall Time
tf
2.6
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 5 A, TJ = 25°C
0.87
1.2
V
Reverse Recovery Time
tRR
IF = 5 A, dIs/dt = 300 A/ms
30
ns
Reverse Recovery Charge
QRR
73
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Pulse test: pulse width ≤ 300 ms, duty ratio ≤ 2%.
7. Switching characteristics are independent of operating junction temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com