Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLJS050N12MCLLTAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # STLJS050N12MCLLTAG
Description  MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 50.6 m, 4.5 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STLJS050N12MCLLTAG Datasheet(HTML) 3 Page - ON Semiconductor

  STLJS050N12MCLLTAG Datasheet HTML 1Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 2Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 3Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 4Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 5Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 6Page - ON Semiconductor STLJS050N12MCLLTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STLJS050N12MCLL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0.0
1.0
2.0
3.0
525
30
Figure 1. On−Region Characteristics
Figure 2. Normalized On−Resistance vs. Drain
Current and Gate Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 3. On−Resistance Variation with
Temperature
Figure 4. On−Resistance vs. Gate−to−Source
Voltage
TJ, JUNCTION TEMPERATURE (°C)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 5. Transfer Characteristics
Figure 6. Diode Forward Voltage vs. Current
VGS, GATE−TO−SOURCE VOLTAGE (V)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
3.5 V
ID = 5 A
VGS = 10 V
TJ = 25°C
VDS = 5 V
4.5 V
VGS = 2.5 V
TJ = −55°C
6.0 V
3.0 V
0
5
15
10
25
30
01
3
5
0.6
0.8
1.2
1.4
2.0
−75 −50 −25
0
25
75
100
150
500
810
12
250
100
0
4
0
5
15
20
12
3
4
5
6
1
30
0.0
0.2
0.4
0.6
300
400
30
0.8
1.0
20
2
10
15
20
6
1.0
1.6
1.8
TJ = 25°C
0.1
10
TJ = 150°C
1.2
1.4
7.5 V
4.5 V
6.0 V
7.5 V
10 V
50
125
TJ = 150°C
150
200
350
450
10
25
TJ = 25°C
TJ = 150°C
TJ = −55°C
VGS = 10 V
4
50
2
0
ID = 5 A
4.0 V
2.5 V
2.0 V
3.5 V
4.0
5.0
6.0
VGS = 0 V
9.0 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com