Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3230 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3230
Description  MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3230 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3230 Datasheet HTML 1Page - Toshiba Semiconductor TLP3230 Datasheet HTML 2Page - Toshiba Semiconductor TLP3230 Datasheet HTML 3Page - Toshiba Semiconductor TLP3230 Datasheet HTML 4Page - Toshiba Semiconductor TLP3230 Datasheet HTML 5Page - Toshiba Semiconductor TLP3230 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3230
2
2004-1-8
MAXIMUM RATINGS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating (Ta >= 25°C)
∆IF/°C
−0.5
mA/°C
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VOFF
20
V
On-State Current
ION
160
mA
On-State Current Derating (Ta >= 25°C)
∆ION/°C
−1.6
mA/°C
Junction Temperature
Tj
125
°C
Storage Temperature Range
Tstg
−40~125
°C
Operating Temperature Range
Topr
−20~85
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H. <= 60%) (NOTE1)
BVS
1500
Vrms
(NOTE1) : Device considered a two-terminal device : Pins 1 and, 2 shorted together, and
pins 3 and 4 shorted together.
Caution
This device is sensitive to electrostatic discharge. When using this device, please ensure that all tools and
equipment are earthed.
This device is applying super small package which is free for Moisture-Proof packing. However, the application of
this device is premised on use under controlled environmental condition like as measuring instrument. It is necessary to
take precautions of storage condition and operating environmental condition.
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
20
V
Forward Current
IF
10
30
mA
On-State Current
ION
160
mA
Operating Temperature
Topr
25
60
°C
INDIVIDUAL ELECTRICAL CHARACTERISTICS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
10
µA
Capacitance
CT
V
= 0, f = 1 MHz
15
pF
Off-State Current
IOFF
VOFF = 20 V, Ta = 50°C
1000
pA
Capacitance
COFF
V
= 0, f = 100 MHz, t < 1 s
1.0
2.5
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com