Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3230 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3230
Description  MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3230 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3230 Datasheet HTML 1Page - Toshiba Semiconductor TLP3230 Datasheet HTML 2Page - Toshiba Semiconductor TLP3230 Datasheet HTML 3Page - Toshiba Semiconductor TLP3230 Datasheet HTML 4Page - Toshiba Semiconductor TLP3230 Datasheet HTML 5Page - Toshiba Semiconductor TLP3230 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3230
3
2004-1-8
COUPLED ELECTRICAL CHARACTERISTICS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Trigger LED Current
IFT
ION = 100 mA
4
mA
Return LED Current
IFC
IOFF = 10 µA
0.2
0.75
mA
On-State Resistance
RON
ION = 160 mA, IF = 5 mA, t < 1 s
5
8
Ω
ISOLATION CHARACTERISTICS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance Input to Output
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation Resistance
RS
VS = 500 V, R.H. <= 60%
5
× 1010
1014
Ω
AC, 1 minute
1500
AC, 1 second (in oil)
3000
Vrms
Isolation Voltage
BVS
DC, 1 minute (in oil)
3000
Vdc
SWITCHING CHARACTERISTICS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Turn-on Time
tON
60
500
Turn-off Time
tOFF
RL = 200 Ω
(NOTE 4)
VDD = 10 V, IF = 5 mA
120
500
µs
(NOTE 4) : SWITCHING TIME TEST CIRCUIT
4
RL
VDD
VOUT
3
1
2
IF
VOUT
IF
tON
tOFF
90%
10%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com