Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3230 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3230
Description  MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3230 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3230 Datasheet HTML 1Page - Toshiba Semiconductor TLP3230 Datasheet HTML 2Page - Toshiba Semiconductor TLP3230 Datasheet HTML 3Page - Toshiba Semiconductor TLP3230 Datasheet HTML 4Page - Toshiba Semiconductor TLP3230 Datasheet HTML 5Page - Toshiba Semiconductor TLP3230 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3230
1
2004-1-8
TOSHIBA PHOTOCOUPLER PHOTO RELAY
T L P 3 2 3 0
MEASUREMENT INSTRUMENTS
LOGIC IC TESTERS / MEMORY TESTERS
BOARD TESTERS / SCANNERS
The TOSHIBA TLP3230 is a super small-outline photorelay, suitable for
surface-mount assembly. The TLP3230 consists of a GaAs
infrared-emitting diode optically coupled to a photo-MOS FET and
housed in a 4-pin package.
Its characteristics also include low OFF-state current and low output pin
capacitance, enabling it to be used in high-frequency measuring
instruments.
FEATURES
• 4 pin SSOP (SSOP4)
: 1.8 mm high, 1.27 mm pitch
• 1-Form-A
• Peak Off-State Voltage
: 20 V (MIN.)
• Trigger LED Current
: 4 mA (MAX.)
• On-State Current
: 160 mA (MAX.)
• On-State Resistance
: 8Ω(MAX.), 5Ω(TYP.)
• Output Capacitance
: 2.5 pF (MAX.), 1.0 pF (TYP.)
• Isolation Voltage
: 1500 Vrms (MIN.)
PIN CONFIGURATION (TOP VIEW)
1 : ANODE
2 : CATHODE
3 : DRAIN
4 : DRAIN
1
2
4
3
Unit: mm
4.2
①
②
④
③
3.5
0.2
0.2
3.8
0.3
φ1.4
0.46±0.2
2.04
1.27
1.7
JEDEC
EIAJ
TOSHIBA
11-2A1
Weight: 0.03 g


Similar Part No. - TLP3230

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3230 TOSHIBA-TLP3230 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230 Datasheet
185Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results

Similar Description - TLP3230

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130 Datasheet
155Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115 Datasheet
155Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS/MEMORY TESTERS BOARD TESTERS/SCANNERS
TLP3113 TOSHIBA-TLP3113 Datasheet
156Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS MEMORY TESTERS BOARD TESTERS SCANNERS
TLP3116 TOSHIBA-TLP3116 Datasheet
155Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS/MEMORY TESTERS BOARD TESTERS/SCANNERS
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3111 TOSHIBA-TLP3111_14 Datasheet
198Kb / 6P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3250 TOSHIBA-TLP3250_14 Datasheet
281Kb / 7P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com