Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ASTRA1B Datasheet(PDF) 19 Page - STMicroelectronics

Part # STEVAL-ASTRA1B
Description  Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ASTRA1B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STEVAL-ASTRA1B Datasheet HTML 15Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 16Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 17Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 18Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 19Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 20Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 21Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 22Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Figure 19. System on board (STEVAL-ASTRA1SB) circuit schematic (10 of 10)
STM32WL RF
VDDRF1V55
VDDPA
VDDRF
VDDSMPS
VLXSMPS
VFBSMPS
VR_PA
RFO_HP
RFO_LP
RFI_P
RFI_N
XTA
PB0_VDD_TCXO
FE_CTRL3
FE_CTRL1
FE_CTRL2
WL_VDD_APP
VDD_RF
GND_RF
PB0_VDD_TCXO
VDDRF
VDDPA
VDDRF1V55
VLXSMPS
VDDSMPS
VDD_RF
WL_VDD_APP
VDDRF
PB0_VDD_TCXO
VFBSMPS
VDDPA
VDDRF1V55
VDD_RF
VDD_BGS13SN8
WL_VDD_APP
VR_PA
VDDRF1V55
VDDPA
VDDRF
VDDSMPS
VLXSMPS
VFBSMPS
VR_PA
WL_VDD_APP
VDD_RF
C948
4.3pF
L904
1kOhm 100MHz
C944
33pF
J932
NX3L1T3157GM
Y1
1
GND
2
Y0
3
Z
4
VCC
5
SEL
6
CL1
Clip-S0951-46r
C947
6.2pF
C938
470nF
C965
1pF
N.M.
C946
1nF
R910 100R
R911 100R
R913 0R
L903
15uH
C957
1.3pF
C935
33pF
R906 0R
SB931
0R
C951
68pF
C932
47pF
J936
UFL Wurth_636101111001
L905
3.3nH
1
2
C950
47nF
C933
33pF
L914
11nH
TP901
CL4
Clip-S0951-46r
R905
0R
C954
33pF
C955
5.6pF
L908
47nH
1
2
C931
100nF
C952 2.7pF
L907
47nH
1
2
C961 33pF
R909 100R
C956
3.3pF
32MHz
Y901
STBY#
1
GND
2
OUT
3
VCC
4
SB928
0R
C964
3.3pF
C939 10pF
SB929 0R
C937
47pF
CL3
Clip-S0951-46r
L906
8.7nH
1
2
J935
CON_SMA_Wurth_60312202114508
C945
33pF
C940
100nF
SB930
0R
N.M.
L910
8.7nH
1
2
L912
3.3nH
1
2
C943
1nF
C963 3.6pF
C949
1.5pF
SH1
Shield MS190-10S
CL2
Clip-S0951-46r
U904
BGS13SN8
1
VDD
2
V2
V1
3
RF3
4
RF1
5
RF_IN
6
RF2
7
DGND
8
J933
NX3L1T3157GM
Y1
1
GND
2
Y0
3
Z
4
VCC
5
SEL
6
C966
2.7pF
R908
220R
C953
33pF
C936
100nF
TP900
C942 2.2pF
C941
1nF
L911
2.5nH
1
2
L909
3nH
1
2
C962
3.3pF
L913
8.7nH
1
2
C934
33pF
FE_CTRL1
XTA
FE_CTRL2
FE_CTRL1
FE_CTRL3
FE_CTRL1
RFO_HP
RFO_LP
RFI_P
RFI_N
RFO_HP
RFO_LP
RFI_P
RFI_N
XTA
PB0_VDD_TCXO
FE_CTRL3
FE_CTRL1
FE_CTRL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com