Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ASTRA1B Datasheet(PDF) 22 Page - STMicroelectronics

Part # STEVAL-ASTRA1B
Description  Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ASTRA1B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STEVAL-ASTRA1B Datasheet HTML 18Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 19Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 20Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 21Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 22Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 23Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 24Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 25Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Figure 22. Expansion board (STEVAL-ASTRA1BC) circuit schematic (3 of 5)
STLINK_VDD_LDO
STLINK_VDD_MCU
STLINK_T_VCP_RX
STLINK_T_VCP_TX
STLINK_RESET
STLINK_SWDIO
STLINK_SWCLK
STLINK_SWITCH
GND
STLINK_VDD_MCU
STLINK_VDD_LDO
STLINK_VDD_LDO
STLINK_VDD_LDO
STLINK_VDD_MCU
STLINK_VDD_LDO
TP302 TPD
R306
4.7k
J300
Con14-male
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TP303
TPD
R307
4.7k
TP304 TPD
R302 0R N.M.
R308
4.7k
TP300 TPD
R303 0R N.M.
C300 100nF
TP305
TPD
R304 0R N.M.
R309
4.7k
TP301
TPD
R305 0R N.M.
R310
4.7k
R300
200K
SB300
0R
U300
LSF0108PWR
A4
6
A3
5
A2
4
A1
3
VREF_A
2
GND
1
A5
7
A6
8
A7
9
A8
10
B8
11
B7
12
B6
13
B5
14
B4
15
B3
16
B2
17
B1
18
VREF_B
19
EN
20
R301 0R N.M.
T_NRST
T_NRST_LS
T_NRST
T_NRST_LS
T_SWDIO
T_SWDIO_LS
T_SWDIO
T_SWDIO_LS
T_SWCLK
T_SWCLK_LS
T_SWCLK
T_SWCLK_LS
T_VCP_RX
T_VCP_RX_LS
T_VCP_TX
T_VCP_TX_LS
T_VCP_RX
T_VCP_RX_LS
T_VCP_TX
T_VCP_TX_LS
T_VCP_TX_LS
T_VCP_RX_LS
T_SWCLK_LS
T_SWDIO_LS
T_NRST_LS
T_VCP_RX
T_VCP_TX
T_NRST
T_SWDIO
T_SWDIO_LS
STLINK_SWITCH
T_SWCLK_LS
T_SWCLK
ST-LINK_SWITCH
T_NRST_LS
T_VCP_RX_LS
T_VCP_TX_LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com