Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ASTRA1B Datasheet(PDF) 23 Page - STMicroelectronics

Part # STEVAL-ASTRA1B
Description  Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ASTRA1B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STEVAL-ASTRA1B Datasheet HTML 19Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 20Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 21Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 22Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 23Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 24Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 25Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 26Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Figure 23. Expansion board (STEVAL-ASTRA1BC) circuit schematic (4 of 5)
SPIx_MISOs
GPIO4
GPIO3
GPIO2
GPIO1
SEL2
PWM
ADC
RESET
INT
I2Cz_SDA
SPIx_MOSIs
I2Cz_SCL
UARTy_CTS
UARTy_TX
UARTy_RX
UARTy_RTS
SEL1
SPIx_NSS
SPIx_MOSIp
SPIx_MISOp
SPIx_SCK
STMOD_VBAT
STMOD_VCONN
STMOD_VREG2
STMOD_VREG1
GND
STMOD_VDD
VCONN
VCONN
VCONN
STMOD_VDD
STMOD_VDD
STMOD_VBAT
STMOD_VCONN
STMOD_VREG2
STMOD_VREG1
STMOD_VREG1
STMOD_VREG2
STMOD_VDD
STMOD_VBAT
STMOD_VCONN
R403
0
R410
1M
R402
0
R407
0
R404
0
R400
0
J400
STMod-Female 2x10 2mm smd
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
R411
1M
R408
0
SW400
Switch 6P
3
1
2
4
5
6
U400
STG3692
1S1
15
1S2
1
2S1
4
2S2
6
3S1
7
3S2
9
4S1
12
4S2
14
1-2SEL
3
3-4SEL
10
D1
16
D2
5
D3
8
D4
13
VCC
2
GND
11
ExPin
R401
0
R405
0
R409
0
J401
SOLDER JUMPER3
1
2
3
R406
0
SW401
Switch 4P
3
1
2
4
SW402
Switch 4P
3
1
2
4
GPIO4
GPIO3
GPIO2
1-2_SEL
STMOD_GPIO4
I2Cz_SDA
SPIx_SCK
SPI_SCK/UART_RTS
STMOD_GPIO3
SPIx_MISOs
UARTy_RTS
GPIO1
STMOD_GPIO2
SPIx_MOSIs
SPIx_NSS
SPI_NSS/UART_CTS
STMOD_GPIO1
I2Cz_SCL
UARTy_CTS
3-4_SEL
SPIx_MOSIp
SPI_MOSIp/UART_TX
STMOD_PWM
SPI_SCK/UART_RTS
UARTy_TX
PWM
STMOD_ADC
SPI_MISOp/UART_RX
SPIx_MISOp
SPI_MISOp/UART_RX
STMOD_RESET
SPI_MOSIp/UART_TX
UARTy_RX
STMOD_INT
SPI_NSS/UART_CTS
ADC
RESET
INT
SEL1
1-2_SEL
SEL2
3-4_SEL
SPIx_MISOs
GPIO4
GPIO3
GPIO2
GPIO1
SEL2
PWM
ADC
RESET
INT
I2Cz_SDA
SPIx_MOSIs
I2Cz_SCL
UARTy_RTS
UARTy_RX
UARTy_TX
UARTy_CTS
SEL1
SPIx_SCK
SPIx_MISOp
SPIx_MOSIp
SPIx_NSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com