Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-AUTODEVKIT Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSW-AUTODEVKIT
Description  Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-AUTODEVKIT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSW-AUTODEVKIT Datasheet HTML 2Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 3Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 4Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 5Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 6Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 7Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 8Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 9Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Figure 4. AEK-MOT-TK200G1 circuit schematic (3 of 5)
13
GHeater
14
SHeater
19
OUT13
20
OUT10
21
OUT9
22
OUT7
23
OUT6
24
OUT6
25
OUT1
OUT1
26
27
OUT8
28
OUT2
29
OUT3
31
OUT14
OU
EC
EC
T
D
15
R
V
33
34
35
38
CM/DIR
39
43
40
42
41
C
D
D
C
I
L
S
O
K
N
TxD_L
44
RxD_L/NINT
45
TxD_C
46
RxD_C/NINT
55
CAN_L
56
CAN_H
57
LIN
SPI
CAN
LIN
U2C
L99DZ200G
D13
LED Blue, 3.2V
D14
LED Blue, 3.2V
R39
440R
R40
440R
OUT15
OUT7
1
OUT8
4
3
2
J6
691135710004
C31
22nF
C32
22nF
GND
GND
GND
R38
4k7
GND
3
2
1
JP3
Header 3x1
CLK
MISO
MOSI
CSN
TP25
TP26
TP27
S1
GND
CM
DIR
1K
R37
VSreg
C30
100nF
D12
STTH3R02AFY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com