Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-AUTODEVKIT Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSW-AUTODEVKIT
Description  Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-AUTODEVKIT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSW-AUTODEVKIT Datasheet HTML 3Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 4Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 5Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 6Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 7Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 8Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 9Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 10Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Figure 6. AEK-MOT-TK200G1 circuit schematic (5 of 5)
11273347
T1
20122834
49
+5Vmcu
572238
T2
C59
1uF
GND
47nF
C71
C68
47nF
5C6
47nF
3C6
47nF
100nF
C72
9C6
100nF
C66
100nF
4C6
100nF
C61
100nF
GND
2C6
470nF
C67
10nF
0C7
10nF 10nF
C73
GND
+5Vmcu
GND
PORST
4k7
R65
+5Vmcu
10pF
C76
C77
10pF
GND
GND
GND
GND
X1
R821k
R811k
NINT
NINT
NRESET
NINT
NRESET
C60
4.7uF
PWM1A
R661k
PWM2A
R671k
PWM1B
R681k
PWM2B
R691k
PWMH1A
PWMH2A
PWMH1B
PWMH2B
PWMH
PWMH
VSS_LV
65
11
VDD_LV_FLA0
12
VDD_HV_IO_MAIN
19
VSS_HV_ADR_S
20
21
VDD_HV_ADR_S
VSS_HV_ADV
22
VDD_HV_ADV
27
VDD_LV_ADC_S
28
VDD_HV_IO_MAIN
33
VDD_LV
35
VSS_HV_OSC
38
VDD_HV_OSC
47
VDD_LV
49
VDD_HV_IO_MAIN
57
VDD_HV_FLA
XTAL
37
36
EXTAL
45
PORST
44
TESTMODE
42
PA5- JCOMP
43
PA6- TCK
39
PA8- TDI
40
PA7- TMS
41
PA9- TDO
52
53
32
PB8- I2C_SCL
31
CAN_RX
30
CAN_TX
29
PB11- I2S_WS
6
PC1- Play/Mute
5
PA10- CAN4_TX, DSPI3_CS0, eMIOS Ch15, ...
PA11- CAN4_RX, DSPI3_SCK, eMIOS Ch16, ...
4
PC2- CD/DIAG_A
PWMH2B
3
PWMH1A
CSN
62
61
PC13- I2S_TEST(B)
60
59
58
48
26
MISO
MPosition_B
8
9
CLK
1
2
MOSI
7
10
DIR
54
PD14- CAN0_TX, ...
PD15- CAN0_RX, eMIOS Ch0, ...
PE10- CD/DIAG_B
PC14- DSPI1_SCK, eMIOS Ch27, ...
PC15- DSPI1_SOUT, eMIOS Ch26, ...
PD0- DSPI2_SCK, eMIOS Ch22, ...
PD5- CAN5_TX, DSPI0_SOUT, eMIOS Ch7, ...
55
64
PF2- eMIOS_Ch20
63
PWMH2A
PE11- CAN5_RX, DSPI3_SOUT, eMIOS Ch18, ...
23
MPosition_B
24
PG11- I2S_CLK
25
MPosition_A
56
PH4- eMIOS_Ch19
13
14
PWMH1B
CM
15
16
CSensing_A
17
CSensing_B
18
CSensing_B
46
PM14- CAN4_RX, ...
34
VDD_HV_IO_MAIN
51
50
U6
SPC582B60E1MH00Y
PWM1A
PWM2A
PWM1B
PWM2B
CLK
MISO
R701k
PI1- ADC35, CAN3_TX, DSPI2_CS1, eMIOS Ch4, ...
PA1- CAN2_RX
PA2- CAN2_TX
R711k
MOSI
R72
CSN
1k
R731k
CLK
MISO
MOSI
CSN
JCOMP
TCK
TMS
TDI
CLK
TDO
CSN
MISO
MOSI
CAN2_TX
CM
CAN2_RX
R741k
DIR
R75
1k
C78
10nF
9C7
10nF
GNDGND
CM
DIR
CM
DIR
5V1
+5Vreg
R61 N.M.
+5Vmcu
R62 0R
NRESET
R76100
R77100
JTAG interface
3
1
2
4
5
6
7
8
9
10
1112
13
14
J7
TDI
TDO
TCK
TMS
PORST
+5Vmcu
C74
33pF
R6310K
S2
430152043826
JCOMP
GND
GND
GND
C75
100nF
MPosition_A
MPosition_B
R78
1k
R791k
MPosition_A
MPosition_B
MPosition_A
MPosition_B
R641k
D15
GND
Csensing_B
Csensing_A
Csensing_B
Csensing_A
Csensing_B
Csensing_A
WakeUP
WakeUP_mcu
R801k
WakeUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com