Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-AUTODEVKIT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSW-AUTODEVKIT
Description  Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-AUTODEVKIT Datasheet(HTML) 1 Page - STMicroelectronics

  STSW-AUTODEVKIT Datasheet HTML 1Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 2Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 3Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 4Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 5Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 6Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 7Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 8Page - STMicroelectronics STSW-AUTODEVKIT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
Hosts the automotive-grade L99DZ200G multioutput drivers and the
SPC582B60E1 Chorus 1M automotive microcontroller
•
Controls up to three DC motors via the L99DZ200G H-bridge gate drivers
•
Supports two additional high-side outputs to drive bulbs, relays, and LEDs
•
Supports CAN bus interface for remote control
•
Open-load and overcurrent detection
•
Thermal warning and thermal shutdown protection
•
Size 100 x 83 mm
•
Included in the AutoDevKit ecosystem
Description
The AEK-MOT-TK200G1 is designed as a zone controller for the power liftgate
application. The two main devices hosted are the L99DZ200G automotive-
grade multioutput driver and the SPC582B60E1 Chorus 1M automotive-grade
microcontroller.
The L99DZ200G device enables the board with two H-bridge gate drivers that control
an external MOS tuned for the power liftgate application actuations. Up to three DC
motors can be driven: two simultaneously (SPINDLE) and one by itself (CINCH).
The AEK-MOT-TK200G1 supports the current sensing for both H-bridges to impact
on the Hall sensor positioning and to detect obstacles encountered while opening/
closing the liftgate.
The AEK-MOT-TK200G1 firmware is preloaded. You can control the board through
an external domain controller via a CAN bus.
The AutoDevKit software library (STSW-AUTODEVKIT) includes a CAN bus-driving
example based on the SPC58EC Chorus 4M.
Product summary
Power liftgate
controller board
based on
L99DZ200G
multi output
driver
andSPC582B
Chorus 1M
microcontroller
AEK-MOT-TK200G1
Automotive front
door device with
LIN and HS-
CAN providing
dual H-bridge
driving
L99DZ200GTR
32-bit Power
Architecture
MCU for
Automotive -
Chorus family
SPC582B60E1MH00Y
AutoDevKit
library plugin for
SPC5-STUDIO
STSW-AUTODEVKIT
Code generator,
quick resource
configurator and
Eclipse
development
environment for
SPC5 MCUs
SPC5-Studio
Power liftgate controller board based on L99DZ200G multioutput driver and
SPC582B60E1 Chorus 1M microcontroller
AEK-MOT-TK200G1
Data brief
DB4689 - Rev 1 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STSW-AUTODEVKIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSW-AUTODEVKIT STMICROELECTRONICS-STSW-AUTODEVKIT Datasheet
3Mb / 10P
Predefined gesture detection system based on FlightSense technology sensors
More results

Similar Description - STSW-AUTODEVKIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISQ009V1 STMICROELECTRONICS-STEVAL-ISQ009V1 Datasheet
157Kb / 5P
Load share controller demonstration board based on the L6615
22-Feb-2010
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-CCM001V1 STMICROELECTRONICS-STEVAL-CCM001V1 Datasheet
252Kb / 5P
Digital photo frame demonstration board based on the STM32F103RB microcontroller
21-Nov-2008
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
AEK-MCU-C1MLIT1 STMICROELECTRONICS-AEK-MCU-C1MLIT1 Datasheet
1Mb / 8P
MCU discovery board for SPC5 Chorus 1M automotive microcontroller
12-Feb-2020
AEK-AUD-C1D9031 STMICROELECTRONICS-AEK-AUD-C1D9031 Datasheet
1Mb / 10P
AVAS solution based on SPC582B60E1 Chorus family MCU and FDA903D Class D audio amplifier
04-Feb-2021
logo
EDA Technology Co.,LTD
RP2040 EDATEC-RP2040 Datasheet
16Mb / 31P
An RP2040-based microcontroller board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com